Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5213 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS5213
Description  80mA Low Noise LDO Voltage Regulator with Enable Function
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5213 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS5213 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS5213 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS5213
80mA Low Noise LDO Voltage Regulator
with Enable Function
1/8
Version: B07
SOT-25
SOT-353
General Description
TS5213 is an efficient linear voltage regulator with ultra low noise output, very low dropout voltage (typically 20mV at
light loads and 300mV at 80mA), and very low ground current (225uA at 20mA), providing high output current even
when the application requires very low dropout voltage. The Chip Enable (EN) includes a CMOS or TTL compatible
input allows the output to be turned off to prolong battery life. When shutdown, power consumption drops nearly to
zero. TS5213 is included a precision voltage reference, error correction circuit, a current limited output driver, over
temperature shutdown and revered battery protection.
Features
●
Ultra Low Noise Output
●
Output Current up to 80mA
●
Low Power Consumption
●
“Zero” Off-mode Consumption
●
Logic Controlled Electronic Enable
●
Current Limit & Thermal Shutdown Protection
Ordering Information
Part No.
Package
Packing
TS5213CX5xx RF
SOT-25
3Kpcs / 7” Reel
TS5213CU5xx RF
SOT-353
3Kpcs / 7” Reel
Note: Where xx denotes voltage option, available are
50=5.0V
33=3.3V
30=3.0V
25=2.5V
Contact factory for additional voltage options.
Application
●
Cellular Telephones
●
Palmtops, Notebook Computers
●
Battery Powered Equipment
●
SMPS Post Regulator and DC to DC Modules
●
High-efficiency Linear Power Supplies
● Portable Application
Block Diagram
Typical Application Circuit
EN may be connected to VIN pin to regulation ON
CIN > 0.1uF in basic operating
COUT >0.47uF in low noise operating
Pin Definition:
1. Input
2. Ground
3. Enable
4. N/C
5. Output
Pin Definition:
1. Enable
2. N/C or Ground
3. Ground
4. Output
5. Input
VOUT
VIN
EN
on
off
COUT
0.47uF
TS5213CX5xx
VOUT
VIN
EN
on
off
COUT
0.47uF
TS5213CU5xx


Similar Part No. - TS5213

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5213 TSC-TS5213 Datasheet
310Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CU5RF TSC-TS5213CU5RF Datasheet
550Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CX533RFG TSC-TS5213CX533RFG Datasheet
310Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CX550RFG TSC-TS5213CX550RFG Datasheet
310Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
TS5213CX5RF TSC-TS5213CX5RF Datasheet
550Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
More results

Similar Description - TS5213

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
200mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_07 Datasheet
209Kb / 7P
150mA Low Noise LDO Voltage Regulator with Enable Function
TS5205 TSC-TS5205_10 Datasheet
185Kb / 7P
150mA Low Noise LDO Voltage Regulator with Enable Function
TS5213 TSC-TS5213_10 Datasheet
550Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
80mA Low Noise LDO Voltage Regulator
TS5213 TSC-TS5213_15 Datasheet
310Kb / 8P
80mA Low Noise LDO Voltage Regulator with Enable Function
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com