Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA121P Datasheet(PDF) 1 Page - Texas Instruments

Part # INA121P
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121P Datasheet(HTML) 1 Page - Texas Instruments

  INA121P Datasheet HTML 1Page - Texas Instruments INA121P Datasheet HTML 2Page - Texas Instruments INA121P Datasheet HTML 3Page - Texas Instruments INA121P Datasheet HTML 4Page - Texas Instruments INA121P Datasheet HTML 5Page - Texas Instruments INA121P Datasheet HTML 6Page - Texas Instruments INA121P Datasheet HTML 7Page - Texas Instruments INA121P Datasheet HTML 8Page - Texas Instruments INA121P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
INA121
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
®
INA121
INA121
INA121
©1997 Burr-Brown Corporation
PDS-1412A
Printed in U.S.A. May, 1998
FEATURES
q LOW BIAS CURRENT:
±4pA
q LOW QUIESCENT CURRENT:
±450µA
q LOW INPUT OFFSET VOLTAGE:
±200µV
q LOW INPUT OFFSET DRIFT:
±2µV/°C
q LOW INPUT NOISE:
20nV/
√Hz at f = 1kHz (G =100)
q HIGH CMR: 106dB
q WIDE SUPPLY RANGE:
±2.25V to ±18V
q LOW NONLINEARITY ERROR: 0.001% max
q INPUT PROTECTION TO
±40V
q 8-PIN DIP AND SO-8 SURFACE MOUNT
FET-Input, Low Power
INSTRUMENTATION AMPLIFIER
DESCRIPTION
The INA121 is a FET-input, low power instrumenta-
tion amplifier offering excellent accuracy. Its versatile
three-op amp design and very small size make it ideal
for a variety of general purpose applications. Low bias
current (
±4pA) allows use with high impedance
sources.
Gain can be set from 1V to 10,000V/V with a single
external resistor. Internal input protection can with-
stand up to
±40V without damage.
The INA121 is laser-trimmed for very low offset
voltage (
±200µV), low offset drift (±2µV/°C), and
high common-mode rejection (106dB at G = 100). It
operates on power supplies as low as
±2.25V (+4.5V),
allowing use in battery operated and single 5V sys-
tems. Quiescent current is only 450
µA.
Package options include 8-pin plastic DIP and SO-8
surface mount. All are specified for the –40
°C to
+85
°C industrial temperature range.
APPLICATIONS
q LOW-LEVEL TRANSDUCER AMPLIFIERS
Bridge, RTD, Thermocouple
q PHYSIOLOGICAL AMPLIFIERS
ECG, EEG, EMG, Respiratory
q HIGH IMPEDANCE TRANSDUCERS
q CAPACITIVE SENSORS
q MULTI-CHANNEL DATA ACQUISITION
q PORTABLE, BATTERY OPERATED SYSTEMS
q GENERAL PURPOSE INSTRUMENTATION
A
1
A
2
A
3
6
40k
Ω
40k
Ω
40k
Ω
40k
Ω
7
4
3
8
1
2
V
IN
V
IN
R
G
V+
V–
INA121
Ref
V
O
G = 1 +
50k
Ω
R
G
–
+
5
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
SBOS078


Similar Part No. - INA121P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA121P BURR-BROWN-INA121P Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121P TI1-INA121P Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA121PA BURR-BROWN-INA121PA Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121PA TI1-INA121PA Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121PAG4 TI1-INA121PAG4 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA121P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
Dual, Low Power INSTRUMENTATION AMPLIFIER
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
JFET Input Instrumentation Amplifier
REV. B
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 TI1-INA121 Datasheet
884Kb / 20P
FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com