Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA121P Datasheet(PDF) 12 Page - Texas Instruments

Part # INA121P
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA121P Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA121P Datasheet HTML 8Page - Texas Instruments INA121P Datasheet HTML 9Page - Texas Instruments INA121P Datasheet HTML 10Page - Texas Instruments INA121P Datasheet HTML 11Page - Texas Instruments INA121P Datasheet HTML 12Page - Texas Instruments INA121P Datasheet HTML 13Page - Texas Instruments INA121P Datasheet HTML 14Page - Texas Instruments INA121P Datasheet HTML 15Page - Texas Instruments INA121P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
®
INA121
INA121
R
G/2
R
G = 5.6kΩ
V
O
LA
RL
RA
10k
Ω
Ref
NOTE: Due to the INA121’s current-feedback
topology, V
G is approximately 0.7V less than
the common-mode input voltage. This DC offset
in this guard potential is satisfactory for many
guarding applications.
Low bias current
allows use with high
electrode impedances.
G = 10
2.8k
Ω
V
G
V
G
2.8k
Ω
1/2
OPA2131
390k
Ω
390k
Ω
1/2
OPA2131
FIGURE 12. Multiplexed-Input Data Acquisition System.
FIGURE 13. Shield Driver Circuit.
INA121
V
IN
–
V
IN
+
OPA130
511
Ω
22.1k
Ω
22.1k
Ω
Ref
V
O
For G = 100
R
G = 511Ω // 2(22.1kΩ)
effective R
G = 505Ω
100
Ω
NOTE: Driving the shield minimizes CMR degradation
due to unequally distributed capacitance on the input
line. The shield is driven at approximately 1V below
the common-mode input voltage.
FIGURE 14. ECG Amplifier With Right-Leg Drive.
INA121
V
IN
+
–
V
IN
+
–
Channel 8
Channel 1
MPC800
MUX
ADS7816
+5V
V
REF
+In
–In
12 Bits Out
Serial
R
G
Ref



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com