Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA156EA/2K5.B Datasheet(PDF) 1 Page - Texas Instruments

Part # INA156EA/2K5.B
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA156EA/2K5.B Datasheet(HTML) 1 Page - Texas Instruments

  INA156EA/2K5.B Datasheet HTML 1Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 2Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 3Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 4Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 5Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 6Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 7Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 8Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
®
INA156
©1999 Burr-Brown Corporation
PDS-1565A
Printed in U.S.A. December, 1999
FEATURES
q RAIL-TO-RAIL OUTPUT SWING: Within 20mV
q LOW OFFSET DRIFT:
±5µV/°C
q INTERNAL FIXED GAIN = 10V/V OR 50V/V
q SPECIFIED TEMPERATURE RANGE:
–55
°C to +125°C
q LOW INPUT BIAS CURRENT: 1pA
q WIDE BANDWIDTH: 550kHz in G = 10
q HIGH SLEW RATE: 6.5V/
µs
q LOW COST
q TINY MSOP-8 PACKAGES
Single-Supply, Rail-to-Rail Output, CMOS
INSTRUMENTATION AMPLIFIER
DESCRIPTION
The INA156 is a low-cost CMOS instrumentation
amplifier with rail-to-rail output swing optimized for
low-voltage, single-supply operation.
Wide bandwidth (550kHz in G = 10) and high slew
rate (6.5V/
µs) make the INA156 suitable for driving
sampling A/D converters as well as general purpose
and audio applications. Fast settling time allows use
with higher speed sensors and transducers, and rapid
scanning data acquisition systems.
APPLICATIONS
q INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermocouple, Flow, Position
q MEDICAL EQUIPMENT:
ECG, EEG, EMG Amplifiers
q DRIVING A/D CONVERTERS
q PCMCIA CARDS
q AUDIO PROCESSING
q COMMUNICATIONS
q TEST EQUIPMENT
q LOW COST AUTOMOTIVE INSTRUMENTATION
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
Gain can be set to 10V/V or 50V/V by pin strapping.
Gains between these two values can be obtained with
the addition of a single resistor. The INA156 is fully
specified over the supply range of +2.7V to +5.5V.
The INA156 is available in an MSOP-8 surface-mount
package specified for operation over the temperature
range –55
°C to 125°C.
22.2k
Ω
200k
Ω
V
IN
–
V
IN
+
Ref
R
G
INA156
V
O
22.2k
Ω
5k
Ω
5k
Ω
200k
Ω
R
G
V+
V–
1
5
2
3
8
7
4
6
A1
A2
G = 10 pins open
G = 50 pins connected
V
O = (VIN – VIN) • G + VREF
+–
INA156
SBOS119


Similar Part No. - INA156EA/2K5.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA156EA/2K5 TI1-INA156EA/2K5 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156EA/2K5G4 TI1-INA156EA/2K5G4 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA156EA/2K5.B

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155 TI1-INA155 Datasheet
720Kb / 16P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com