Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA156EA/2K5.B Datasheet(PDF) 10 Page - Texas Instruments

Part # INA156EA/2K5.B
Description  Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA156EA/2K5.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA156EA/2K5.B Datasheet HTML 4Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 5Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 6Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 7Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 8Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 9Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 10Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 11Page - Texas Instruments INA156EA/2K5.B Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
INA156
FIGURE 6. Input Offset Voltage Changes with Common-
Mode Voltage.
FIGURE 7. Single-Supply, High-Side Current Monitor.
FIGURE 8. Input Current Protection for Voltages Exceed-
ing the Supply Voltage.
FIGURE 9. Driving Capacitive-Input A/D Converter.
INPUT COMMON-MODE RANGE
The input common-mode range of the INA156 for various
operating conditions is shown in the Typical Performance
Curves. The common-mode input range is limited by the
output voltage swing of A1, an internal circuit node. For the
G = 10 configuration, output voltage of A1 can be expressed as:
VOUTA1 = – 1/9VREF + (1 + 1/9) VIN–
(2)
The input common-mode voltage range can be calculated
using this equation, given that the output of A1 can swing to
within 20mV of either rail. When the input common-mode
range is exceeded (A1’s output is saturated), A2 can still be in
linear operation and respond to changes in the non-inverting
input voltage. However, the output voltage will be invalid.
The common-mode range for the G = 50 configuration is
included in the typical performance curve, “Input Common-
Mode Range vs Output Voltage.”
INPUT RANGE FOR BEST ACCURACY
The internal amplifiers have rail-to-rail input stages, achieved
by using complementary n-channel and p-channel input
pairs. The common-mode input voltage determines whether
the p-channel or the n-channel input stage is operating. The
transition between the input stages is gradual and occurs
between (V+) – 1.8V to (V+) – 1V. Due to these character-
istics, operating the INA156 with input voltages within the
transition region of (V+) – 1.8V to (V+) – 0.8V results in a
shift in input offset voltage, and reduced common-mode and
power supply rejection performance. Typical patterns of the
offset voltage change throughout the input common-mode
range are illustrated in Figure 6.
The INA156 can be
operated below or above the transition region with excellent
results. Figure 7 demonstrates the use of the INA156 in a
single-supply, high-side current monitor. In this application,
the INA156 is operated above the transition region.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. For resistive loads
greater than 10k
Ω, the output voltage can swing to within
a few millivolts of the supply rail while maintaining low
gain error. For heavier loads and over temperature, see the
typical performance curve “Output Voltage Swing vs Out-
put Current.” The INA156’s low output impedance at high
frequencies makes it suitable for directly driving Capaci-
tive Digital-to-Analog (CDAC) input A/D converters, as
shown in Figure 9.
INPUT PROTECTION
Device inputs are protected by ESD diodes that will conduct
if the input voltages exceed the power supplies by more than
500mV. Momentary voltages greater than 500mV beyond
the power supply can be tolerated if the current on the input
pins is limited to 10mA. This is easily accomplished with
input resistors RLIM, as shown in Figure 8. Many input
signals are inherently current-limited to less than 10mA.
Therefore, a limiting resistor is not required.
INA156
7
6
4
5
Ref
I
L
2.5A
G = 10
Pins 1 and 8 Open
V+
NOTE: Output is referred to V+.
2
3
1
8
0.02
Ω
Load
50mV
+5V
INA156
ADS7818
or
ADS7834
12-Bits
f
SAMPLE = 500kHz
6
7
4
5
3
2
NOTE: G = 10 configuration
1
8
INA156
5
V
OUT
V
REF
R
LIM
R
LIM
I
OVERLOAD
10mA max
3
6
2
1
8
Input Common-Mode Voltage (V)
0.0
0.5
1.0
2.5
3.0
1.5
2.0
5
4
3
2
1
0
–1
–2
–3
–4
–5
3.5
4.0
4.5
5.5
5.0
V
S = 5.5V
P-Channel Operation
Transistion
Region
N-Channel
Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com