Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA166UA/2K5.A Datasheet(PDF) 4 Page - Texas Instruments

Part # INA166UA/2K5.A
Description  Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA166UA/2K5.A Datasheet(HTML) 4 Page - Texas Instruments

  INA166UA/2K5.A Datasheet HTML 1Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 2Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 3Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 4Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 5Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 6Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 7Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 8Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
INA166
4
SBOS178
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±5V, RL = 2kΩ, CL = 50pF, G = 2000, unless otherwise noted.
GAIN vs FREQUENCY
70
60
50
40
30
20
10
0
Frequency (Hz)
10k
100k
1M
10M
100
1k
10k
100k
1
0.1
0.01
THD+N vs FREQUENCY
Frequency (Hz)
V
O = 5Vrms
R
L = 10kΩ
NOISE VOLTAGE (RTI) vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100
10
1
CURRENT NOISE SPECTRAL DENSITY
10.0
1
10
100
1k
10k
Frequency (Hz)
0.1
1
CMR vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
10
1M
100
1k
10k
100k
POWER-SUPPLY REJECTION
vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
11M
10
100
1k
10k
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com