Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA166UA/2K5.A Datasheet(PDF) 1 Page - Texas Instruments

Part # INA166UA/2K5.A
Description  Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA166UA/2K5.A Datasheet(HTML) 1 Page - Texas Instruments

  INA166UA/2K5.A Datasheet HTML 1Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 2Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 3Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 4Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 5Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 6Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 7Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 8Page - Texas Instruments INA166UA/2K5.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INA166
Copyright © 2000, Texas Instruments Incorporated
SBOS178
Printed in U.S.A. December, 2000
Low-Noise, Low-Distortion, G = 2000
INSTRUMENTATION AMPLIFIER
DESCRIPTION
The INA166 is a very low-noise, low-distortion, mon-
olithic instrumentation amplifier. Its current-feedback
circuitry achieves very wide bandwidth and excellent
dynamic response over a wide range of gain. It is ideal
for low-level signals such as microphones or hydro-
phones. Many industrial, instrumentation, and medical
applications also benefit from its low noise and wide
bandwidth.
APPLICATIONS
q MOVING-COIL TRANSDUCER AMPLIFIERS
q DIFFERENTIAL RECEIVERS
q BRIDGE TRANSDUCER AMPLIFIERS
q MICROPHONE AND HYDROPHONE
PREAMPS
www.ti.com
FEATURES
q LOW NOISE: 1.3nV/
√Hz at 1kHz
q LOW THD+N: 0.09% at 1kHz
q WIDE BANDWIDTH: 450kHz
q WIDE SUPPLY RANGE:
±4.5V to ±18V
q HIGH CMR: > 100dB
q GAIN SET WITH EXTERNAL RESISTOR
q SO-14 SURFACE-MOUNT PACKAGE
INA166
Unique distortion cancellation circuitry reduces dis-
tortion to extremely low levels, even in high gain.
The INA166 provides near-theoretical noise perfor-
mance for 200
Ω source impedance. Its differential
input, low noise, and low distortion provide superior
performance as a low-level signal amplifier.
The INA166 is available in a space-saving SO-14
surface-mount package, specified for operation over
the –40
°C to +85°C temperature range.
A1
A2
A3
6k
Ω
60k
Ω
Sense
8
9
10
14
11
6
4
3
12
5
6k
Ω
60k
Ω
V
IN
–
+
V
IN
30.3
Ω
1
V
O2
V
O1
V+
V–
INA166
G = 2000
3k
Ω
3k
Ω
V
O
Ref


Similar Part No. - INA166UA/2K5.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA166UA/2K5 TI-INA166UA/2K5 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5 TI-INA166UA/2K5 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5 TI1-INA166UA/2K5 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5G4 TI-INA166UA/2K5G4 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
INA166UA/2K5G4 TI1-INA166UA/2K5G4 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA166UA/2K5.A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166 Datasheet
148Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA163 BURR-BROWN-INA163 Datasheet
250Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA163 BURR-BROWN-INA163_06 Datasheet
249Kb / 11P
Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA166 TI-INA166_06 Datasheet
147Kb / 9P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8428 AD-AD8428 Datasheet
378Kb / 20P
Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
REV. 0
logo
Texas Instruments
INA103AG TI1-INA103AG Datasheet
785Kb / 17P
Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA217 TI1-INA217 Datasheet
966Kb / 25P
Low-Noise, Low-Distortion Instrumentation Amplifier Replacement
INA166 TI1-INA166_08 Datasheet
333Kb / 11P
Low-Noise, Low-Distortion, G = 2000 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com