Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333-HT Datasheet(PDF) 20 Page - Texas Instruments

Part # INA333-HT
Description  Micro-Power, Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA333-HT Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA333-HT Datasheet HTML 16Page - Texas Instruments INA333-HT Datasheet HTML 17Page - Texas Instruments INA333-HT Datasheet HTML 18Page - Texas Instruments INA333-HT Datasheet HTML 19Page - Texas Instruments INA333-HT Datasheet HTML 20Page - Texas Instruments INA333-HT Datasheet HTML 21Page - Texas Instruments INA333-HT Datasheet HTML 22Page - Texas Instruments INA333-HT Datasheet HTML 23Page - Texas Instruments INA333-HT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
3V
3V
V
REF
3V
V
REF
3V
3V
3V
V
REF
V43
R
2.5k
SET1
W
A
+
I
REF1
+
-
+
U3
OPA333
R
2.5k
SET2
W
A
+
I
REF2
R
2k
1
W
R
100
ZERO
W
RWb
3W
RWc
4W
RWd
3W
RWa
3W
+
-
+
U2
OPA333
C
470nF
7
OUTF
GNDF
OUTS
GNDS
In
EN
U1REF3212
+
-
+
OPA3331OPA333
V
+
VRTD
VT25
VT+
VT-
Mon+
Mon-
RTD+
RTD-
EMU21RTD3
R
100k
GAIN
W
V
DIFF
T3BF256A
T1BF256A
UseBF861A
UseBF861A
G
S
RTDResistance
(Volts=Ohms)
Temp( C)
(Volts= C)
°
°
Pt100RTD
PGA112
MSP430
V
REF+
+
RG
V+
V-
Ref
_
2
1
8
3
6
7
5
4
U1 INA333
3V
RG
Out
INA333-HT
SBOS514C – MARCH 2010 – REVISED OCTOBER 2013
www.ti.com
(1) RWa, RWb, RWc, and RWd simulate wire resistance. These resistors are included to show the four-wire sense technique immunity to
line mismatches. This method assumes the use of a four-wire RTD.
(2) In this diagram, only INA333 is tested and characterized at 210°C.
Figure 41. Four-Wire, 3V Conditioner for a PT100 RTD With Programmable Gain Acquisition System
To download a compressed file that contains the TINA-TI simulation file for this circuit, click the following link:
PT100 RTD.
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: INA333-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com