Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 5 Page - TT Electronics.

Part # OVLBR4C7
Description  Round Through-Hole LED Lamp (3 mm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLBR4C7 Datasheet(HTML) 5 Page - TT Electronics.

  OVLBR4C7 Datasheet HTML 1Page - TT Electronics. OVLBR4C7 Datasheet HTML 2Page - TT Electronics. OVLBR4C7 Datasheet HTML 3Page - TT Electronics. OVLBR4C7 Datasheet HTML 4Page - TT Electronics. OVLBR4C7 Datasheet HTML 5Page - TT Electronics. OVLBR4C7 Datasheet HTML 6Page - TT Electronics. OVLBR4C7 Datasheet HTML 7Page - TT Electronics. OVLBR4C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© TT electronics plc
Rev E
11/2018
Page 5
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Round Through-Hole LED Lamp (3 mm)
OVLBx4C7 Series
Typical Electro-Optical Characteristics Curves (RED)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com