Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLBR4C7 Datasheet(PDF) 2 Page - TT Electronics.

Part # OVLBR4C7
Description  Round Through-Hole LED Lamp (3 mm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLBR4C7 Datasheet(HTML) 2 Page - TT Electronics.

  OVLBR4C7 Datasheet HTML 1Page - TT Electronics. OVLBR4C7 Datasheet HTML 2Page - TT Electronics. OVLBR4C7 Datasheet HTML 3Page - TT Electronics. OVLBR4C7 Datasheet HTML 4Page - TT Electronics. OVLBR4C7 Datasheet HTML 5Page - TT Electronics. OVLBR4C7 Datasheet HTML 6Page - TT Electronics. OVLBR4C7 Datasheet HTML 7Page - TT Electronics. OVLBR4C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© TT electronics plc
Rev E
11/2018
Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Round Through-Hole LED Lamp (3 mm)
OVLBx4C7 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-40 ~ +100 °C
Operating Temperature Range
-40 ~ +100 °C
Reverse Voltage (Device not designed for reverse voltage applications)
5 V Max
Continuous Forward Current (Design of heat dissipation should be considered)
Blue, Green
25 mA
Continuous Forward Current (Design of heat dissipation should be considered)
Red,
Yellow
50 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Blue, Green
100 mA
Peak Forward Current (10% Duty Cycle, 1 kHz)
Red,
Yellow
100 mA
Power Dissipation
Blue, Green
100 mW
Power Dissipation
Red,
Yellow
120 mW
Current Linearity vs Ambient Temperature
Blue, Green
-0.29 mA/° C
Current Linearity vs Ambient Temperature
Red,
Yellow
-0.72 mA/° C
LED Junction Temperature
125° C
Electrostatic Discharge Classification (JEDEC-JESD22-A114F)
Class 1C
Lead Soldering Temperature (4 mm away from the base of the epoxy bulb)
260° C / 3 seconds
Electrical Specifications
Electrical Characteristics (TA = 25o C unless otherwise noted)
SYMBOL
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
CONDITIONS
IV
Luminous Intensity
Blue
1135
1800
----
mcd
IF = 20 mA
Green
4360
8400
----
Red
2225
3700
----
Yellow
2225
3700
----
VF
Forward Voltage
Blue
2.6
3.2
4.0
V
IF = 20 mA
Green
Red
1.8
2.0
2.4
Yellow
IR
Reverse Current
Blue
----
----
10
µA
VR = 5 V
Green
----
----
Red
----
----
Yellow
----
----
λD
Dominant Wavelength
Blue
460
470
475
nm
IF = 20 mA
Green
519
525
531
Red
620
623
630
Yellow
585
589
595
2Θ½H-H
50% Power Angle
----
45
----
deg
IF = 20 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com