Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2102 Datasheet(PDF) 1 Page - Sealevel Systems, Inc.

Part # 2102
Description  USB to 1-Port RS-422, RS-485, RS-530 DB25 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2102 Datasheet(HTML) 1 Page - Sealevel Systems, Inc.

  2102 Datasheet HTML 1Page - Sealevel Systems, Inc. 2102 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
World Class, American Made.
Sealevel.com
USB to 1-Port RS-422, RS-485, RS-530 DB25
Serial Interface Adapter
World Class, American Made.
Part: 2102 Model: SeaLINK+485
Features
• Compliant with RoHS and WEEE directives
• Configurable for RS-422, RS-485, or RS-530
• High-speed UART with 128-byte Tx FIFO and 384-byte Rx FIFO
• Data rates to 921.6K bps
• Automatic RS-485 enable/disable
• All modem control signals implemented
• Hot-swappable
• Powered by USB connection
• DB-25M connector
• Sealevel software supports Windows 98SE/ME/2000/XP/Vista and
Linux operating systems
• Includes 6’USB device cable (Item# CA179)
Design & Manufacturing
Experience
Long-term Availability
Guaranteed
Lifetime Warranty
Since 1986
The 2102 USB serial interface adapter provides a single
USB to RS-422, RS-485, or RS-530 serial port for
providing USB connectivity to legacy or non-USB
compliant devices. SeaLINK® serial interface adapters
support standard PC data rates up to 921.6K bps to
provide you with the horsepower your serial I/O
applications require.
Sealevel’s SeaCOM USB software drivers and utilities
make installation and operation easy using Microsoft
Windows and Linux operating systems. After installing
the software, simply connect the SeaLINK serial
interface adapter to your USB port and the device is
immediately recognized by the system as a standard
serial port.


Similar Part No. - 2102

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
2102 GILWAY-2102 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
XFMRS Inc.
2102 XFMRS-2102 Datasheet
769Kb / 8P
QUAD PORT MODULE
logo
Pulse A Technitrol Comp...
2102 PULSE-2102 Datasheet
193Kb / 5P
SWITCH-MODE TRANSFORMER GUIDE
logo
Belden Inc.
2102 BELDEN-2102 Datasheet
492Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
2102 ADAFRUIT-2102 Datasheet
526Kb / 2P
IDC Breakout Helper - 2x5 (10 pin)
More results

Similar Description - 2102

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Tripp Lite. All Rights ...
P440-89FF TRIPPLITE-P440-89FF Datasheet
167Kb / 2P
DB9 to RJ45 Modular Serial Adapter (F/F), RS-232, RS-422, RS-485
P440-89FM TRIPPLITE-P440-89FM Datasheet
166Kb / 2P
DB9 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
P440-825FM TRIPPLITE-P440-825FM Datasheet
164Kb / 2P
DB25 to RJ45 Modular Serial Adapter (M/F), RS-232, RS-422, RS-485
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
logo
Coolgear Inc.
USB-4COMI-M COOLGEAR-USB-4COMI-M Datasheet
65Kb / 1P
4-Port RS-422 / 485 USB to Serial Adapter
7/13/2016
USB-8COMI-RM COOLGEAR-USB-8COMI-RM Datasheet
127Kb / 2P
8 Port USB to RS-232/422/485 Octal Adapter
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
USB-16COMI-M COOLGEAR-USB-16COMI-M Datasheet
102Kb / 1P
16-Port RS-422 485 USB-to-Serial Adapter
USB-COMI-PRO COOLGEAR-USB-COMI-PRO Datasheet
224Kb / 2P
1-Port USB to Serial Adapter (RS-232/422/485) , DIN-rail
10/13/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com