Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2102 Datasheet(PDF) 2 Page - Sealevel Systems, Inc.

Part # 2102
Description  USB to 1-Port RS-422, RS-485, RS-530 DB25 Serial Interface Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEALEVEL [Sealevel Systems, Inc.]
Direct Link  https://www.sealevel.com/
Logo SEALEVEL - Sealevel Systems, Inc.

2102 Datasheet(HTML) 2 Page - Sealevel Systems, Inc.

  2102 Datasheet HTML 1Page - Sealevel Systems, Inc. 2102 Datasheet HTML 2Page - Sealevel Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Family
• SeaLINK
Communications Chip
• USB/UART
Dimensions
• 3.8" (L) x 2.3" (W) x 1.0" (H)9.66 cm (L) x 5.84 cm (W) x 2.54 cm (H)
Electrical Interface
• RS-422, RS-485, RS-530
High Retention USB
• Yes
Humidity Range
• 10 – 90% Relative Humidity, Non-Condensing
Host Interface(s)
• USB
Max Data Distance
• 4000 feet
Max Data Rate
• 921.6K bps
Operating Temperature
• 0°C to 70°C (32°F to 158°F)
# of Ports
• 1
Power Requirement
• +5V @ 50mA
RoHS Compliant
• Yes
Serial Connector(s)
• DB25M
Storage Temperature
• 0°C to 70°C (32°F to 158°F)
USB Powered
• Yes
USB Specification
• 1.1 Compliant, 2.0 Compatible
Specifications
World Class, American Made.
Sealevel.com
World Class, American Made.
USB to 1-Port RS-422, RS-485, RS-530 DB25
Serial Interface Adapter
Part: 2102 Model: SeaLINK+485
SL9313-C20



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com