Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC158 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74AC158
Description  QUAD 2 CHANNEL MULTIPLEXER INV.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC158 Datasheet(HTML) 5 Page - STMicroelectronics

  74AC158 Datasheet HTML 1Page - STMicroelectronics 74AC158 Datasheet HTML 2Page - STMicroelectronics 74AC158 Datasheet HTML 3Page - STMicroelectronics 74AC158 Datasheet HTML 4Page - STMicroelectronics 74AC158 Datasheet HTML 5Page - STMicroelectronics 74AC158 Datasheet HTML 6Page - STMicroelectronics 74AC158 Datasheet HTML 7Page - STMicroelectronics 74AC158 Datasheet HTML 8Page - STMicroelectronics 74AC158 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
TBD
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/n (per circuit)
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symbol
Parameter
T est Cond iti on
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay Time
SELECT to Y
3.3
(*)
1.5
7.0
11.5
1.5
12.5
ns
5.0
(**)
1.5
5.0
9.0
1.5
10.0
tPLH
tPHL
Propagation Delay Time
STROBE to Y
3.3
(*)
1.5
7.0
11.0
1.5
12.0
ns
5.0
(**)
1.55.5
8.51.5
9.5
tPLH
tPHL
Propagation Delay Time
A, B to Y
3.3
(*)
1.55.0
8.01.5
8.5
ns
5.0
(**)
1.54.0
7.01.5
7.5
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
TEST CIRCUIT
74AC158
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com