Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC158 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC158
Description  QUAD 2 CHANNEL MULTIPLEXER INV.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC158 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC158 Datasheet HTML 1Page - STMicroelectronics 74AC158 Datasheet HTML 2Page - STMicroelectronics 74AC158 Datasheet HTML 3Page - STMicroelectronics 74AC158 Datasheet HTML 4Page - STMicroelectronics 74AC158 Datasheet HTML 5Page - STMicroelectronics 74AC158 Datasheet HTML 6Page - STMicroelectronics 74AC158 Datasheet HTML 7Page - STMicroelectronics 74AC158 Datasheet HTML 8Page - STMicroelectronics 74AC158 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74AC158
QUAD 2 CHANNEL MULTIPLEXER (INV.)
PRELIMINARY DATA
May 1997
s
HIGH SPEED: tPD = 4 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 158
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The AC158 is an high-speed CMOS QUAD
2-CHANNEL
MULTIPLEXER
(INVERTING)
fabricated with sub-micron silicon gate and
double-layer metal wiring C
2MOS technology. It is
ideal for low power applications maintaining high
speed operation similar to equivalent Bipolar
Schottky TTL.
It consists of four 2-input digital multiplexers with
common select and strobe inputs. It is an
inverting multiplexer. When the STROBE input is
held high selection of data is inhibit and all the
outputs become high. The
SELECT decoding
determines whether the A or B inputs get routed
to their corresponding Y outputs.
All
inputs and
outputs
are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
M
(Micro Package)
B
(Plastic Package)
ORDER CODES :
74AC158B
74AC158M
1/9


Similar Part No. - 74AC158

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC151 ONSEMI-74AC151 Datasheet
237Kb / 10P
1?뭥f?? Decoder/Demultiplexer
June, 2006 ??Rev. 6
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
8-Input Multiplexer
74AC151MTC FAIRCHILD-74AC151MTC Datasheet
97Kb / 9P
8-Input Multiplexer
74AC151PC FAIRCHILD-74AC151PC Datasheet
97Kb / 9P
8-Input Multiplexer
74AC151SC FAIRCHILD-74AC151SC Datasheet
97Kb / 9P
8-Input Multiplexer
More results

Similar Description - 74AC158

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT158 STMICROELECTRONICS-74ACT158 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER INV.
May-1997
M54HC157 STMICROELECTRONICS-M54HC157 Datasheet
251Kb / 11P
HC158 QUAD 2 CHANNEL MULTIPLEXER INV. HC157 QUAD 2 CHANNEL MULTIPLEXER
Feb-1993
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HCT157 STMICROELECTRONICS-M74HCT157 Datasheet
250Kb / 11P
HCT157 QUAD 2 CHANNEL MULTIPLEXER HCT158 QUAD 2 CHANNEL MULTIPLEXER (INV)
Apr-1993
74ACT158 STMICROELECTRONICS-74ACT158_01 Datasheet
227Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Apr-2001
M74HCT158 STMICROELECTRONICS-M74HCT158 Datasheet
211Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER (INV.)
Sep-2001
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com