Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46533M Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SLG46533M
Description  Programmable Mixed-signal Matrix
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46533M Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SLG46533M Datasheet HTML 46Page - Renesas Technology Corp SLG46533M Datasheet HTML 47Page - Renesas Technology Corp SLG46533M Datasheet HTML 48Page - Renesas Technology Corp SLG46533M Datasheet HTML 49Page - Renesas Technology Corp SLG46533M Datasheet HTML 50Page - Renesas Technology Corp SLG46533M Datasheet HTML 51Page - Renesas Technology Corp SLG46533M Datasheet HTML 52Page - Renesas Technology Corp SLG46533M Datasheet HTML 53Page - Renesas Technology Corp SLG46533M Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 189 page
background image
© 2025 Renesas Electronics Corporation
Page 49 of 187
SLG46533
Revision 1.30
8.2
Matrix Output Table
Table 38. Matrix Output Table
Register Bit
Address
Matrix Output Signal Function
Note: For each Address, the two most significant bits are unused)
Matrix Output
Number
reg <7:0>
Matrix OUT: IN0 of 3-bit LUT11 or Clock Input of DFF8
0
reg <15:8>
Matrix OUT: IN1 of 3-bit LUT11 or Data Input of DFF8
1
reg <23:16>
Matrix OUT: IN2 of 3-bit LUT11 or nRST (nSET) of DFF82
reg <31:24>
Matrix OUT: IN0 of 3-bit LUT12 or Clock Input of DFF93
reg <39:32>
Matrix OUT: IN1 of 3-bit LUT12 or Data Input of DFF9
4
reg <47:40>
Matrix OUT: IN2 of 3-bit LUT12 or nRST (nSET) of DFF95
reg <55:48>
Matrix OUT: IN0 of 3-bit LUT13 or Clock Input of DFF10
6
reg <63:56>
Matrix OUT: IN1 of 3-bit LUT13 or Data Input of DFF107
reg <71:64>
Matrix OUT: IN2 of 3-bit LUT13 or nRST (nSET) of DFF10
8
reg <79:72>
Matrix OUT: IN0 of 3-bit LUT14 or Clock Input of DFF11
9
reg <87:80>
Matrix OUT: IN1 of 3-bit LUT14 or Data Input of DFF1110
reg <95:88>
Matrix OUT: IN2 of 3-bit LUT14 or nRST (nSET) of DFF11
11
reg <103:96>
Matrix OUT: IN0 of 3-bit LUT15 or Clock Input of DFF12
12
reg <111:104>
Matrix OUT: IN1 of 3-bit LUT15 or Data Input of DFF12
13
reg <119:112>
Matrix OUT: IN2 of 3-bit LUT15 or nRST (nSET) of DFF12
14
reg <127:120>
Matrix OUT: IN0 of 3-bit LUT16 or Clock Input of DFF13
15
reg <135:128>
Matrix OUT: IN1 of 3-bit LUT16 or Data Input of DFF13
16
reg <143:136>
Matrix OUT: IN2 of 3-bit LUT16 or nRST (nSET) of DFF13
17
reg <151:144>
Matrix OUT: IN0 of 3-bit LUT17 or Clock Input of DFF14
18
reg <159:152>
Matrix OUT: IN1 of 3-bit LUT17 or Data Input of DFF14
19
reg <167:160>
Matrix OUT: IN2 of 3-bit LUT17 or nRST (nSET) of DFF14
20
reg <175:168>
Matrix OUT: IN0 of 4-bit LUT2
21
reg <183:176>
Matrix OUT: IN1 of 4-bit LUT2
22
reg <191:184>
Matrix OUT: IN2 of 4-bit LUT2
23
reg <199:192>
Matrix OUT: IN3 of 4-bit LUT2
24
reg <207:200>
Matrix OUT: IO1 Digital Output Source
25
reg <215:208>
Matrix OUT: IO1 Output Enable
26
reg <223:216>
Matrix OUT: IO2 Digital Output Source
27
reg <231:224>
Matrix OUT: IO3 Digital Output Source
28
reg <239:232>
Matrix OUT: IO3 Output Enable
29
reg <247:240>
Matrix OUT: IO4 Digital Output Source
30
reg <255:248>
Matrix OUT: IO5 Digital Output Source
31
reg <263:256>
Matrix OUT: IO5 Output Enable
32
reg <271:264>
Matrix OUT: IO6 Digital Output Source (SCL with VI/Input & NMOS open-drain)
33
reg <279:272>
Matrix OUT: IO7 Digital Output Source (SDA with VI/Input & NMOS open-drain)
34
reg <287:280>
Matrix OUT: IO8 Digital Output Source
35
reg <295:288>
Matrix OUT: IO8 Output Enable
36
reg <303:296>
Matrix OUT: IO9 Digital Output Source
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com