Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG46533M Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SLG46533M
Description  Programmable Mixed-signal Matrix
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46533M Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SLG46533M Datasheet HTML 24Page - Renesas Technology Corp SLG46533M Datasheet HTML 25Page - Renesas Technology Corp SLG46533M Datasheet HTML 26Page - Renesas Technology Corp SLG46533M Datasheet HTML 27Page - Renesas Technology Corp SLG46533M Datasheet HTML 28Page - Renesas Technology Corp SLG46533M Datasheet HTML 29Page - Renesas Technology Corp SLG46533M Datasheet HTML 30Page - Renesas Technology Corp SLG46533M Datasheet HTML 31Page - Renesas Technology Corp SLG46533M Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 189 page
background image
© 2025 Renesas Electronics Corporation
Page 27 of 187
SLG46533
Revision 1.30
Table 17. TS Output Error (output range 1)
VDD, V
Error at T
-40 °C,
%
-20 °C,
%
0 °C,
%
20 °C,
%
40 °C,
%
60 °C,
%
80 °C,
%
1.71
±3.34
±3.50
±3.56
±3.69
±3.73
±4.09
±4.43
1.80
±3.33
±3.49
±3.51
±3.72
±3.73
±4.11
±4.43
1.89
±3.33
±3.47
±3.55
±3.70
±3.72
±4.11
±4.40
2.30
±3.31
±3.46
±3.50
±3.69
±3.66
±4.05
±4.38
2.50
±3.31
±3.44
±3.51
±3.62
±3.66
±4.03
±4.36
2.70
±3.30
±3.46
±3.46
±3.64
±3.65
±3.97
±4.31
3.00
±3.31
±3.46
±3.46
±3.62
±3.64
±4.07
±4.34
3.30
±3.29
±3.42
±3.46
±3.61
±3.64
±4.03
±4.36
3.60
±3.25
±3.42
±3.46
±3.59
±3.62
±3.98
±4.34
4.20
±3.28
±3.42
±3.45
±3.62
±3.62
±4.01
±4.30
4.50
±3.32
±3.41
±3.46
±3.63
±3.62
±4.01
±4.29
5.00
±3.29
±3.42
±3.45
±3.58
±3.64
±3.97
±4.26
5.50
±3.30
±3.47
±3.50
±3.61
±3.64
±4.02
±4.31
Table 18. TS Output Error (output range 2)
VDD, V
Error at T
-40 °C,
%
-20 °C,
%
0 °C,
%
20 °C,
%
40 °C,
%
60 °C,
%
80 °C,
%
1.71
±3.28
±3.38
±3.43
±3.67
±3.72
±4.13
±4.42
1.80
±3.29
±3.37
±3.45
±3.66
±3.71
±4.02
±4.38
1.89
±3.21
±3.38
±3.44
±3.63
±3.72
±4.06
±4.39
2.30
±3.23
±3.34
±3.46
±3.56
±3.66
±4.03
±4.32
2.50
±3.27
±3.37
±3.44
±3.59
±3.68
±4.03
±4.26
2.70
±3.24
±3.31
±3.39
±3.59
±3.65
±4.04
±4.29
3.00
±3.27
±3.33
±3.39
±3.57
±3.65
±4.02
±4.26
3.30
±3.28
±3.30
±3.39
±3.58
±3.65
±3.97
±4.29
3.60
±3.28
±3.28
±3.34
±3.58
±3.64
±3.96
±4.30
4.20
±3.23
±3.36
±3.34
±3.58
±3.62
±4.04
±4.28
4.50
±3.27
±3.31
±3.38
±3.56
±3.61
±4.03
±4.26
5.00
±3.28
±3.34
±3.40
±3.53
±3.62
±4.00
±4.26
5.50
±3.26
±3.37
±3.44
±3.57
±3.61
±4.01
±4.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com