Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P166 Datasheet(PDF) 2 Page - TT Electronics.

Part # P166
Description  17 mm Rotary Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P166 Datasheet(HTML) 2 Page - TT Electronics.

  P166 Datasheet HTML 1Page - TT Electronics. P166 Datasheet HTML 2Page - TT Electronics. P166 Datasheet HTML 3Page - TT Electronics. P166 Datasheet HTML 4Page - TT Electronics. P166 Datasheet HTML 5Page - TT Electronics. P166 Datasheet HTML 6Page - TT Electronics. P166 Datasheet HTML 7Page - TT Electronics. P166 Datasheet HTML 8Page - TT Electronics. P166 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
17 mm Rotary Potentiometer
P166 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 2
Mechanical Characteristics
Environmental Characteristics
TA = 25°C unless otherwise noted
Total Rotational Travel
300° ±10°
Rotational Torque
20 - 100 gf.cm
Rotational Stop Strength
7 kgf.cm min.
Dentent Torque
100 - 300 gf.cm
Nut Tightening Strength
8 kgf.cm min.
Rotational Life
15,000 cycles
TA = 25°C unless otherwise noted
Operating Temperature
-10°C to +70°C
IP Rating
IP 50
Soldering Condition
Wave Soldering 260°C maximum for 1-3 seconds
Hand Soldering 300°C maximum for 3 seconds
RoHS
Please refer to TT Electronics website
REACH
Please refer to TT Electronics website
Standard Packaging
Plastic Trays
Hardware
Flat washer and mounting nut
Packaging Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com