Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P166 Datasheet(PDF) 3 Page - TT Electronics.

Part # P166
Description  17 mm Rotary Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P166 Datasheet(HTML) 3 Page - TT Electronics.

  P166 Datasheet HTML 1Page - TT Electronics. P166 Datasheet HTML 2Page - TT Electronics. P166 Datasheet HTML 3Page - TT Electronics. P166 Datasheet HTML 4Page - TT Electronics. P166 Datasheet HTML 5Page - TT Electronics. P166 Datasheet HTML 6Page - TT Electronics. P166 Datasheet HTML 7Page - TT Electronics. P166 Datasheet HTML 8Page - TT Electronics. P166 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
17 mm Rotary Potentiometer
P166 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 3
Ordering Information
Resistance Table
Resistance (Ohms) 1,000
2,000
5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000
Code
1K
2K
5K
10K
20K
50K
100K
200K
500K
1MEG
P166 V
1
0
Q
1
C
B
10K
Part Family
Resistance
See Resistance Table
Terminal Configuration
V = Side Adjust, PC Pins
Resistance Taper
P = Top Adjust, Solder Lugs
A = Audio (15A)
H = Top Adjust, PC Pins
B = Linear (1B)
C = Reverse Audio (15C)
Gang Number
1 = 1 Gang
Full CCW Position
A/B/C/D/N (see Note 4)
Detent Option
0 = No Detent
Shaft Length
1 = Center Detent
See Note 1
Shaft Type
Q = Knurled Type
S = Slotted Type
F = Flatted Type
R = Plain Type



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com