Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P.B Datasheet(PDF) 20 Page - Texas Instruments

Part # ISO124P.B
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO124P.B Datasheet HTML 16Page - Texas Instruments ISO124P.B Datasheet HTML 17Page - Texas Instruments ISO124P.B Datasheet HTML 18Page - Texas Instruments ISO124P.B Datasheet HTML 19Page - Texas Instruments ISO124P.B Datasheet HTML 20Page - Texas Instruments ISO124P.B Datasheet HTML 21Page - Texas Instruments ISO124P.B Datasheet HTML 22Page - Texas Instruments ISO124P.B Datasheet HTML 23Page - Texas Instruments ISO124P.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ISO124
GND
+VS2
1
Top View
LEGEND
TOP layer:
copper pour & traces
GND
via to ground plane
-VS2
VIN
VOUT
GND
1 µF
SMD
0603
1 µF
SMD
0603
-VS1
+VS1
1 µF
SMD
0603
1 µF
SMD
0603
ISOLATION
BOUNDARY
ISOLATION
BOUNDARY
20
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
To maintain the isolation barrier of the device, the distance between the high-side ground (pin 16 or 28) and the
low-side ground (pin 8 or 14) should be kept at maximum; that is, the entire area underneath the device should
be kept free of any conducting materials.
10.2 Layout Example
Figure 25. ISO124 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com