Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO124P.B Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO124P.B
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P.B Datasheet(HTML) 3 Page - Texas Instruments

  ISO124P.B Datasheet HTML 1Page - Texas Instruments ISO124P.B Datasheet HTML 2Page - Texas Instruments ISO124P.B Datasheet HTML 3Page - Texas Instruments ISO124P.B Datasheet HTML 4Page - Texas Instruments ISO124P.B Datasheet HTML 5Page - Texas Instruments ISO124P.B Datasheet HTML 6Page - Texas Instruments ISO124P.B Datasheet HTML 7Page - Texas Instruments ISO124P.B Datasheet HTML 8Page - Texas Instruments ISO124P.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
28
27
16
15
13
14
+V
S1
–V
S1
V
OUT
Gnd 2
Gnd 1
V
IN
–V
S2
+V
S2
1
2
16
15
10
9
7
8
+V
S1
–V
S1
V
OUT
Gnd 2
Gnd 1
V
IN
–V
S2
+V
S2
3
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
5 Pin Configuration and Functions
NVF Package
16-Pin PDIP
Top View
DVA Package
28-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
PDIP
SOIC
Gnd 1
16
28
—
High-side ground reference
Gnd 2
8
14
—
Low-side ground reference
VIN
15
27
I
High-side analog input
VOUT
7
13
O
Low-side analog output
+VS1
1
1
—
High-side positive analog supply
–VS1
2
2
—
High-side negative analog supply
+VS2
9
15
—
Low-side positive analog supply
–VS2
10
16
—
Low-side negative analog supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com