Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1770TMFX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM1770TMFX/NOPB
Description  LM1770 Low-Voltage SOT-23 Synchronous Buck Controller With No External Compensation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM1770TMFX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM1770TMFX/NOPB Datasheet HTML 5Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 6Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 7Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 8Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 9Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 10Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 11Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 12Page - Texas Instruments LM1770TMFX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LM1770
www.ti.com
SNVS403C – SEPTEMBER 2005 – REVISED APRIL 2013
Table 2. LM1770 "ON" Times Identification (continued)
Product ID
TON @ 3.3V
α (V µs)
LM1770U
2.0µs
6.6
The variation of TON versus VIN can also be expressed graphically. These graphs can be found in the Typical
Performance Characteristics section.
With
α being a constant regardless of the version of the LM1770 used, Equation 6 shows that the only
dependent variable remaining is VOUT. Since VOUT will be a constant in any application, the frequency will also
remain constant. The switching frequency at which the application runs depends upon the VOUT desired and the
LM1770 version chosen. For any VOUT, three frequency options (LM1770 versions) can be selected. This can be
seen in Table 3. The recommended frequency range of operation is 100kHz to 1000kHz.
Table 3. LM1770 VOUT Frequency Option
VOUT
Timing Options
500ns
1000ns
2000ns
0.8
485
242
121
1
606
303
152
1.2
727
364
182
1.5
909
455
227
1.8
1091
545
273
2.5
1515
758
379
3.3
2000
1000
500
SHORT-CIRCUIT PROTECTION
The LM1770 has an internal short circuit comparator that constantly monitors the feedback node (except during
soft-start). If the feedback voltage drops below 0.55V (equivalent to the output voltage dropping below 68% of
nominal), the comparator will trip causing the part to latch off. The LM1770 will not resume switching until the
input voltage is taken below the UVLO threshold and then brought back into its normal operating range. The
purpose of this function is to prevent a severe short circuit from causing damage to the application. Due to the
fast transient response of the LM1770 a severe short on the output causing the feedback to drop would only
occur if the load applied had an effective resistance that approaches the PMOS RDS(ON).
SOFT-START
To limit in-rush current and allow for a controlled startup the LM1770 incorporates an internal soft-start scheme.
Every time the input voltage rises through the UVLO threshold the LM1770 goes through an adaptive soft-start
that limits the on-time and expands the minimum off-time. In addition the part will only activate the PMOS
allowing a discontinuous mode of operation enabling a pre-biased startup. The time spent in soft-start will
depend on the load applied to the output, but is usually close to a set time that is dependent on the timing option.
The approximate soft-start time can be seen in Table 4 for each timing option.
Table 4. Soft-Start Time Approximations
Product ID
Timing
TSS
LM1770S
0.5µs
1ms
LM1770T
1.0µs
1.2ms
LM1770U
2.0µs
1.8ms
It should be noted that as soon as soft-start terminates the short-circuit protection is enabled. This means that if
the output voltage does not reach at least 68% of its final value the part will latch off. Therefore, if the input
supply is extremely slow rising such that at the end of soft-start the input voltage is still near the UVLO threshold,
a timing option should be chosen to ensure that maximum duty-cycle permits the output to meet the minimum
condition. As a general recommendation it is advisable to use the 2000ns option (LM1770U) in conditions where
the output voltage is 2.5V or greater to avoid false latch offs when there is concern regarding the input supply
slew rate.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1770



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com