Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2724AMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2724AMX/NOPB
Description  LM2724A High Speed 3A Synchronous MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2724AMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM2724AMX/NOPB Datasheet HTML 1Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 2Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM2724A
www.ti.com
SNVS242C – JUNE 2003 – REVISED MARCH 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VALUE / UNITS
VCC
7V
BOOT to SW
7V
BOOT to GND(3)
35V
SW to GND(4)
-2V to 30V
Junction Temperature
+150°C
720mW (SOIC-8)
Power Dissipation(5)
3.2W (WSON-8)
Storage Temperature
−65°C to 150°C
ESD Susceptibility
Human Body Model(6)
2.0 kV
Soldering Time, Temperature
10sec., 300°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating ratings are conditions under which
the device operates correctly. The ensured specifications apply only for the listed test conditions. Some performance characteristics may
degrade when the part is not operated under listed conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
If BOOT voltage exceeds this value, the ESD structure will degrade.
(4)
The SW pin can have -2V to -0.5V applied for a maximum duty cycle of 10% with a maximum period of 1 second. There is no duty cycle
or maximum period limitation for a SW pin voltage range of -0.5V to 30V.
(5)
Maximum allowable power dissipation is a function of the maximum junction temperature, TJMAX, the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
using: PMAX = (TJMAX-TA) / θJA. The junction-to-ambient thermal resistance, θJA, for LM2724A is 172°C/W. For a TJMAX of 150°C and TA
of 25°C, the maximum allowable power dissipation is 0.7W. The
θJA, for LM2724A WSON package is 39°C/W. For a TJMAX of 150°C
and TA of 25°C, the maximum allowable power dissipation is 3.2W.
(6)
ESD machine model susceptibility is 200V.
RECOMMENDED OPERATING CONDITIONS
(1)
VALUE / UNITS
VCC
4.3V to 6.8V
Junction Temperature Range
-40°C to 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating ratings are conditions under which
the device operates correctly. The ensured specifications apply only for the listed test conditions. Some performance characteristics may
degrade when the part is not operated under listed conditions.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2724A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com