Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2724AMX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2724AMX/NOPB
Description  LM2724A High Speed 3A Synchronous MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2724AMX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM2724AMX/NOPB Datasheet HTML 1Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 2Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 3Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 4Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 5Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 6Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 7Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 8Page - Texas Instruments LM2724AMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
+
C4
+
C3
VIN (up to 28V)
VOUT
GND
8
LG
7
VCC
6
SYNC
5
IN
4
BOOT
3
HG
2
SW
1
U1
C2
.33PF
C1
1PF
Q1
Q2
+5V
(to controller)
(to controller)
D1
L1
1.5
LM2724A
www.ti.com
SNVS242C – JUNE 2003 – REVISED MARCH 2013
LM2724A High Speed 3A Synchronous MOSFET Driver
Check for Samples: LM2724A
1
FEATURES
DESCRIPTION
The LM2724A is a dual N-channel MOSFET driver
2
•
Shoot-Through Protection
which can drive both the top and bottom MOSFETs in
•
Input Under-Voltage-Lock-Out
a push-pull structure simultaneously. The LM2724A
•
3A Peak Driving Current
takes a logic input and splits it into two complimentary
signals with a typical 20ns dead time in between. The
•
195µA Quiescent Current
built-in cross-conduction protection circuitry prevents
•
28V Input Voltage in Buck Configuration
the top and bottom MOSFETs from turning on
•
SOIC-8 and WSON Packages
simultaneously. With a bias voltage of 5V, the peak
sourcing and sinking current for each driver of the
APPLICATIONS
LM2724A is about 3A. Input UVLO (Under-Voltage-
Lock-Out) ensures that all the driver outputs stay low
•
High Current DC/DC Power Supplies
until the supply rail exceeds the power-on threshold
•
High Input Voltage Switching Regulators
during system power on, or after the supply rail drops
below power-on threshold by a specified hysteresis
•
Fast Transient Microprocessors
during system power down. The cross-conduction
•
Notebook Computers
protection circuitry detects both driver outputs and will
not turn on a driver until the other driver output is low.
The top gate voltage needed by the top MOSFET is
obtained through an external boot-strap structure.
When not switching, the LM2724A only draws up to
195µA
from
the
5V
rail.
The
synchronization
operation of the bottom MOSFET can be disabled by
pulling the SYNC pin to ground.
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2724AMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2724AMX/NOPB TI1-LM2724AMX/NOPB Datasheet
688Kb / 11P
LM2724A High Speed 3A Synchronous MOSFET Driver
More results

Similar Description - LM2724AMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
High Speed Synchronous MOSFET Driver
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
High Speed Synchronous Power MOSFET Driver
logo
Texas Instruments
LM27224A TI1-LM27224A Datasheet
688Kb / 11P
LM2724A High Speed 3A Synchronous MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com