Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2755 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2755
Description  LM2755 Charge Pump LED Controller with I2C-Compatible Interface in DSBGA Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2755 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2755 Datasheet HTML 9Page - Texas Instruments LM2755 Datasheet HTML 10Page - Texas Instruments LM2755 Datasheet HTML 11Page - Texas Instruments LM2755 Datasheet HTML 12Page - Texas Instruments LM2755 Datasheet HTML 13Page - Texas Instruments LM2755 Datasheet HTML 14Page - Texas Instruments LM2755 Datasheet HTML 15Page - Texas Instruments LM2755 Datasheet HTML 16Page - Texas Instruments LM2755 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LM2755
www.ti.com
SNVS433D – OCTOBER 2007 – REVISED APRIL 2013
TIME STEP CONTROL
Bit 0 to Bit 2: The value of these 3 bits is equal to N, which is used in the timing control equations (0
≤ N ≤ 7).
The minimum internal time step (N=0) is 50µs. Setting the time-step to N=7 results in a maximum time step of
6.4msec.
tSTEP = 50µsec × 2
NSTEP if the internal clock is used.
(4)
tSTEP = 2
NSTEP × (32 ÷ f
SYNC ) if the external clock on the SYNC pin is used.
(5)
Bit 3 to Bit 7: Not used
DELAY CONTROL
The LM2755 allows the programmed current waveform on each diode pin to independently start with a delay
upon enabling the waveform dimming bits in the general purpose register. There are 256 delay levels available.
The delay time is set by the following equation:
For nSTEP= 0,
(6)
tdelayx = tSTEP × (ndelayx+ nrisex )
(7)
By default, ndelayx = 0 with a range of 0 ≤ ndelay ≤ 255.
(8)
For 1
≤ nSTEP ≤ 7, tdelayx = tSTEP × [(ndelayx-1) + (nrisex-1)]
where
•
1
≤ ndelay ≤ 255.
•
If ndelay = 0, tdelayx = 0s.
•
ndelayx is stored in the Dx Delay registers.
(9)
TIMING CONTROL
nrisex nfallx, nhighx, nlowx are numbers between 0 and 255, stored in the timing control registers. The durations of the
rise, high, fall and low times are given by:
For nSTEP= 0,
(10)
(11)
trise/fall = tSTEP x (nIDxH − nIDxL − 1 ) x nrisex/fallx
where
•
2
≤ nrisex/fallx ≤ 255
•
nrisex or nfallx = 0 or 1 are not valid and should not be used
(12)
For 1
≤ nSTEP ≤ 7,
(13)
trise/fall = tSTEP x (nIDxH− nIDxL − 1 ) x (nrisex/fallx − 1)
where
•
2
≤ nrisex/fallx ≤ 255
•
nrisex or nfallx = 0 or 1 are not valid and should not be used
(14)
For nSTEP= 0,
(15)
thighx = tSTEP × (nhighx + nfallx) tlowx = tSTEP × (nlowx + nrisex)
where
•
1
≤ nhighx/lowx ≤ 255
•
For nhighx/lowx=0, thigh or low = tSTEP
(16)
For 1
≤ nSTEP ≤ 7,
(17)
thighx = tSTEP × ((nhighx − 1) + (nfallx -1))
(18)
tlowx = tSTEP × ((nlowx − 1)+ (nrisex -1))
where
•
2
≤ nhighx/lowx ≤ 255
•
For nhighx/lowx= 0 or 1, thighx = tSTEP × (nfallx − 1)
•
tlowx = tSTEP × (nrisex − 1)
(19)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2755



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com