Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF/NOPB.B Datasheet(PDF) 3 Page - Texas Instruments

Part # LM321MF/NOPB.B
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MF/NOPB.B Datasheet(HTML) 3 Page - Texas Instruments

  LM321MF/NOPB.B Datasheet HTML 1Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 2Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 3Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 4Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 5Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM321
www.ti.com
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
+IN
1
I
Noninverting input
V–
2
—
Negative (lowest) power supply
–IN
3
I
Inverting input
OUTPUT
4
O
Output
V+
5
—
Positive (highest) power supply
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Differential Input Voltage
±Supply Voltage
Input Current (VIN < −0.3 V)
(2)
50
mA
Supply Voltage (V+ - V−)
32
V
Input Voltage
−0.3
32
V
Output Short Circuit to GND, V+
≤ 15 V and TA = 25°C
(3)
Continuous
Junction Temperature (4)
150
°C
Mounting Temperature: Lead temperature (Soldering, 10 sec)
260
°C
Mounting Temperature: Infrared (10 sec)
215
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector base junction of
the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is
also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output voltages of the operational amplifer
to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is driven negative. This is not
destructive and normal output states will re-establish when the input voltage, which was negative, again returns to a value greater than
−0.36V (at 25°C).
(3)
Short circuits from the output V+ can cause excessive heating and eventual destruction. When considering short circuits to ground the
maximum output current is approximately 40mA independent of the magnitude of V+. At values of supply voltage in excess of +15V,
continuous short circuits can exceed the power dissipation ratings and cause eventual destruction.
(4)
The maximum power dissipation is a function of TJ(MAX),
θJA , and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/
θJA. All numbers apply for packages soldered directly onto a PC board.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±300
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2001–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com