Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM321MF/NOPB.B Datasheet(PDF) 1 Page - Texas Instruments

Part # LM321MF/NOPB.B
Description  LM321 Low Power Single Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM321MF/NOPB.B Datasheet(HTML) 1 Page - Texas Instruments

  LM321MF/NOPB.B Datasheet HTML 1Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 2Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 3Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 4Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 5Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 6Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 7Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 8Page - Texas Instruments LM321MF/NOPB.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM321
SNOS935C – FEBRUARY 2001 – REVISED DECEMBER 2014
LM321 Low Power Single Operational Amplifier
1 Features
3 Description
The LM321 brings performance and economy to low
1
•
(VCC = 5 V, TA = 25°C. Typical values unless
power systems. With a high unity gain frequency and
specified.)
a specified 0.4-V/µs slew rate, the quiescent current
•
Gain-Bandwidth Product 1 MHz
is only 430-µA/amplifier (5 V). The input common
•
Low Supply Current 430 µA
mode range includes ground and therefore the device
is able to operate in single supply applications as well
•
Low Input Bias Current 45 nA
as in dual supply applications. It is also capable of
•
Wide Supply Voltage Range 3 V to 32 V
comfortably driving large capacitive loads.
•
Stable With High Capacitive Loads
The LM321 is available in the SOT-23 package.
•
Single Version of LM324
Overall the LM321 is a low power, wide supply range
performance
operational
amplifier
that
can
be
2 Applications
designed into a wide range of applications at an
economical price without sacrificing valuable board
•
Chargers
space.
•
Power Supplies
•
Industrial: Controls, Instruments
Device Information(1)
•
Desktops
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Communications Infrastructure
LM321
SOT (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM321MF/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM321MF/NOPB TI1-LM321MF/NOPB Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
More results

Similar Description - LM321MF/NOPB.B

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com