Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM397 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM397
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM397 Datasheet HTML 7Page - Texas Instruments LM397 Datasheet HTML 8Page - Texas Instruments LM397 Datasheet HTML 9Page - Texas Instruments LM397 Datasheet HTML 10Page - Texas Instruments LM397 Datasheet HTML 11Page - Texas Instruments LM397 Datasheet HTML 12Page - Texas Instruments LM397 Datasheet HTML 13Page - Texas Instruments LM397 Datasheet HTML 14Page - Texas Instruments LM397 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
IN+
IN-
V±
V+
OUT
VS+
GND
GND
Only needed for
dual-supply
operation
OUT
IN-
IN+
Run the input traces
as far away from
the supply lines
as possible
Use low-ESR, ceramic
bypass capacitor
VS± or GND
11
LM397
www.ti.com
SNOS977F – MAY 2001 – REVISED MAY 2016
Product Folder Links: LM397
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
Place 0.1-
μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high
impedance power supplies. For more detailed information on bypass capacitor placement; see the Layout
Guidelines section.
10 Layout
10.1 Layout Guidelines
Comparators are very sensitive to input noise. For best results, maintain the following layout guidelines:
•
Use a printed-circuit-board (PCB) with a good, unbroken low-inductance ground plane. Proper grounding (use
of ground plane) helps maintain specified performance of the LM397.
•
To minimize supply noise, place a decoupling capacitor (0.1-
μF ceramic, surface-mount capacitor) as close
as possible to VS as shown in Figure 12.
•
On the inputs and the output, keep lead lengths as short as possible to avoid unwanted parasitic feedback
around the comparator. Keep inputs away from the output.
•
Solder the device directly to the PCB rather than using a socket.
•
For slow-moving input signals, take care to prevent parasitic feedback. A small capacitor (1000 pF or less)
placed between the inputs can help eliminate oscillations in the transition region. This capacitor causes some
degradation to propagation delay when the impedance is low. Run the top-side ground plane between the
output and inputs.
•
Run the ground pin ground trace under the device up to the bypass capacitor, shielding the inputs from the
outputs.
10.2 Layout Example
Figure 12. Comparator Board Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com