Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803083 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803083
Description  EML (...X...)R SR - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803083 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803083 Datasheet HTML 1Page - PHOENIX CONTACT 0803083 Datasheet HTML 2Page - PHOENIX CONTACT 0803083 Datasheet HTML 3Page - PHOENIX CONTACT 0803083 Datasheet HTML 4Page - PHOENIX CONTACT 0803083 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Label, Roll, silver, unlabeled, can be labeled with: THERMOMARK E.300 (D)/600 (D),
THERMOMARK ROLL 2.0, THERMOMARK ROLL, THERMOMARK ROLL X1, THERMOMARK
ROLLMASTER 300/600, THERMOMARK X1.2, mounting type: adhesive, text field height: 350
mm, text field width: 100 mm
Your advantages
The EML … self-adhesive device markers are particularly suitable for identification of various types of equipment in controller, system, and control
cabinet building
•
When combined with the right ink ribbon, the marking is highly resistant to solvents and mechanical influences
•
The EML ... materials are UL-listed
•
A wide range of marker sizes and colors are available for custom designs
•
Commercial data
Item number
0803083
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Product key
BG2411
Weight per piece (including packing)
80 g
Weight per piece (excluding packing)
80 g
Country of origin
DE
EML (...X...)R SR - Label
0803083
https://www.phoenixcontact.com/us/products/0803083
Jun 25, 2025, 7:22AM
Page 1 (5)


Similar Part No. - 0803083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803081 PHOENIX-0803081 Datasheet
182Kb / 5P
TMT (EX10,5)R CUS - Marker for terminal blocks
0803082 PHOENIX-0803082 Datasheet
182Kb / 5P
TMT (EX12)R CUS - Marker for terminal blocks
0803084 PHOENIX-0803084 Datasheet
181Kb / 5P
EMLC (...X...)R - Fabric label
0803085 PHOENIX-0803085 Datasheet
182Kb / 5P
EMLC (...X...)R YE - Fabric label
0803086 PHOENIX-0803086 Datasheet
183Kb / 5P
EML-HT (...X...)R - High-temperature label
More results

Similar Description - 0803083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803187 PHOENIX-0803187 Datasheet
48Kb / 3P
Label - EML-RS (45,7X45,7)R SR
0830485 PHOENIX-0830485 Datasheet
54Kb / 4P
Label - EML (75X10)R
0801994 PHOENIX-0801994 Datasheet
50Kb / 4P
Label - EML (110XE)R SR
0802697 PHOENIX-0802697 Datasheet
49Kb / 3P
Label - EML (100X40)R SR
0803975 PHOENIX-0803975 Datasheet
52Kb / 2P
Label - MM-EML (EX12)R C1 SR/BK
0815596 PHOENIX-0815596 Datasheet
47Kb / 3P
Label - EML (110XE)R
0830483 PHOENIX-0830483 Datasheet
49Kb / 3P
Label - EML (50X10)R
1116113 PHOENIX-1116113 Datasheet
54Kb / 2P
Label - MM-EML (EX14)R C1 SR/BK
1054877 PHOENIX-1054877 Datasheet
54Kb / 2P
Label - EML-D (40X15)R SR
09/12/2020
1054879 PHOENIX-1054879 Datasheet
54Kb / 2P
Label - EML-D (60X30)R SR
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com