Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0803083 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0803083
Description  EML (...X...)R SR - Label
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803083 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0803083 Datasheet HTML 1Page - PHOENIX CONTACT 0803083 Datasheet HTML 2Page - PHOENIX CONTACT 0803083 Datasheet HTML 3Page - PHOENIX CONTACT 0803083 Datasheet HTML 4Page - PHOENIX CONTACT 0803083 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Device marking
Marking
Identification technology
Thermal transfer for rolls
Mounting
Mounting type
adhesive
Material specifications
Color
silver grey (RAL 7001)
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Wipe resistance of inscriptions
Specification
DIN EN 62208 (VDE 0660-511):2012-06 (in parts)
Water + Petroleum ether
[CAS No. 64742-82-1]
Test passed
Ambient conditions
Ambient temperature (operation)
-40 °C ... 150 °C
Ambient temperature (assembly)
> 5 °C
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Dimensions
Width
According to customer requirements
Text field
Text field width
100 mm
Text field height
350 mm
Standards and regulations
Wipe resistance
DIN EN 61010-1 (VDE 0411-1)
EML (...X...)R SR - Label
0803083
https://www.phoenixcontact.com/us/products/0803083
Jun 25, 2025, 7:22AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com