Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3538TMX/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3538TMX/NOPB
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
0
Bit 7
MSB
1
Bit 6
1
Bit 5
1
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
R/W
Bit 0
LSB
Serial Bus Slave Address (chip address)
LM3538
www.ti.com
SNVS674A – JUNE 2011 – REVISED MAY 2013
I
2C-COMPATIBLE INTERFACE
The LM3538 is controlled via an I2C compatible interface. START and STOP (Figure 22) conditions classify the
beginning and the end of the I2C session. A START condition is defined as SDA transitioning from HIGH to LOW
while SCL is HIGH. A STOP condition is defined as SDA transitioning from LOW to HIGH while SCL is HIGH.
The I2C master always generates START and STOP conditions. The I2C bus is considered busy after a START
condition and free after a STOP condition. During data transmission, the I2C master can generate repeated
START conditions. A START and a repeated START conditions are equivalent function-wise. The data on SDA
must be stable during the HIGH period of the clock signal (SCL). In other words, the state of SDA can only be
changed when SCL is LOW.
Figure 22. Start and Stop Sequences
I2C-COMPATIBLE CHIP ADDRESS
The chip address for the LM3538 is 0111000 (38h). After the START condition, the I2C master sends the 7-bit
chip address followed by a read or write bit (R/W). R/W= 0 indicates a WRITE and R/W = 1 indicates a READ.
The second byte following the chip address selects the register address to which the data will be written. The
third byte contains the data for the selected register.
Figure 23. Chip Address
TRANSFERRING DATA
Every byte on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each byte
of data must be followed by an acknowledge bit (ACK). The acknowledge related clock pulse (9th clock pulse) is
generated by the master. The master releases SDA (HIGH) during the 9th clock pulse. The LM3538 pulls down
SDA during the 9th clock pulse, signifying an acknowledge. An acknowledge is generated after each byte has
been received. Figure 24 is an example of a write sequence to the DIODE ENABLE register of the LM3538.
Figure 24. Write Sequence to the LM3538
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com