Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3538TMX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3538TMX/NOPB
Description  LM3538 6-Channel WLED Driver with Four Integrated LDOs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3538TMX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3538TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 22Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3538TMX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
LM3538
SNVS674A – JUNE 2011 – REVISED MAY 2013
www.ti.com
B0 GROUP B BRIGHTNESS
Bits [2:0] set the Group B Brightness Levels, as shown in Table 6 below:
Table 6. Group B Brightness Levels
dxb[2]
dxb[1]
dxb[0]
Group B LED Current (typ.)
1
1
1
25.0mA
1
1
0
17.5mA
1
0
1
15.0mA
1
0
0
12.5mA
0
1
1
10.0mA
0
1
0
7.5mA
0
0
1
5.0mA
0
0
0
2.5mA
Application Information
LED CONFIGURATIONS
The LM3538 has a total of 6 current sinks capable of sinking 150mA of total diode current. These 6 current sinks
are configured to operate in one or two independently controlled lighting regions. Group A has six dedicated
current sinks, while Group B has 0 by default. However, drivers D5 and D6 can be assigned to either Group A or
Group B one-by-one through a setting in the configuration register. With this added flexibility, the LM3538 is
capable of supporting applications requiring 4 or 5 LEDs for main display lighting, while still providing additional
current sink(s) that can be used for a wide variety of lighting functions.
PARALLEL CONNECTED AND UNUSED OUTPUTS
Connecting the outputs in parallel does not affect internal operation of the LM3538 and has no impact on the
Electrical Characteristics and limits previously presented. The available diode output current, maximum diode
voltage, and all other specifications provided in the Electrical Characteristics table apply to this parallel output
configuration, just as they do to the standard LED application circuit.
All Dx current sinks utilize LED forward voltage sensing circuitry to optimize the charge-pump gain for maximum
efficiency.
If some of the drivers are not going to be used, make sure that the enable bits in the DIODE ENABLE register
are set to '0' to ensure optimal efficiency.
THERMAL PROTECTION
Internal thermal protection circuitry disables the LM3538 when the junction temperature exceeds 160°C (typ.).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device will recover and operate normally when the junction temperature falls
below 155°C (typ.). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.
CAPACITOR SELECTION
The LM3538 circuit requires 11 external capacitors for proper operation. Surface-mount multi-layer ceramic
capacitors are recommended. These capacitors are small, inexpensive and have very low equivalent series
resistance (ESR <20mOhm typ.). Tantalum capacitors, OS-CON capacitors, and aluminum electrolytic capacitors
are not recommended for use with the LM3538 due to their high ESR, as compared to ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3538. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over -55°C to 125°C; X5R: ±15% over -55°C to 85°C).
24
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com