Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4860M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4860M/NOPB
Description  LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4860M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4860M/NOPB Datasheet HTML 9Page - Texas Instruments LM4860M/NOPB Datasheet HTML 10Page - Texas Instruments LM4860M/NOPB Datasheet HTML 11Page - Texas Instruments LM4860M/NOPB Datasheet HTML 12Page - Texas Instruments LM4860M/NOPB Datasheet HTML 13Page - Texas Instruments LM4860M/NOPB Datasheet HTML 14Page - Texas Instruments LM4860M/NOPB Datasheet HTML 15Page - Texas Instruments LM4860M/NOPB Datasheet HTML 16Page - Texas Instruments LM4860M/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
v d
O
L
IN
o rm s
in rm s
A
2
P
R
/ V
V
/ V
t
LM4860
www.ti.com
SNAS096C – AUGUST 1994 – REVISED MAY 2013
For 500 mW of output power into an 8
Ω load, the required Vopeak is 2.83V. A minimum supply rail of 3.53V results
from adding Vopeak and Vod. But 3.53V is not a standard voltage that exists in many applications and for this
reason, a supply rail of 5V is designated. Extra supply voltage creates dynamic headroom that allows the
LM4860 to reproduce peaks in excess of 500 mW without clipping the signal. At this time, the designer must
make sure that the power supply choice along with the output impedance does not violate the conditions
explained in POWER DISSIPATION.
Once the power dissipation equations have been addressed, the required differential gain can be determined
from Equation 6.
(6)
From Equation 6, the minimum Avd is: Avd = 2
Since the desired input impedance was 20 k
Ω, and with an Avd of 2, a ratio of 1:1 of Rf to Riresults in an
allocation of Ri = Rf = 20 kΩ. Since the Avd was less than 10, a feedback capacitor is not needed. The final
design step is to address the bandwidth requirements which must be stated as a pair of
−3 dB frequency points.
Five times away from a
−3 dB point is 0.17 dB down from passband response which is better than the required
±0.25 dB specified. This fact results in a low and high frequency pole of 4 Hz and 100 kHz respectively. As
stated in External Components Description , Ri in conjunction with Ci create a highpass filter.
Ci ≥ 1/(2π * 20 kΩ * 4 Hz) = 1.98 μF; use 2.2 μF.
(7)
The high frequency pole is determined by the product of the desired high frequency pole, fH, and the differential
gain, Avd. With a Avd = 2 and fH = 100 kHz, the resulting GBWP = 100 kHz which is much smaller than the
LM4860 GBWP of 7 MHz. This figure displays that if a designer has a need to design an amplifier with a higher
differential gain, the LM4860 can still be used without running into bandwidth problems.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com