Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4860M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4860M/NOPB
Description  LM4860 Series 1W Audio Power Amplifier with Shutdown Mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4860M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4860M/NOPB Datasheet HTML 3Page - Texas Instruments LM4860M/NOPB Datasheet HTML 4Page - Texas Instruments LM4860M/NOPB Datasheet HTML 5Page - Texas Instruments LM4860M/NOPB Datasheet HTML 6Page - Texas Instruments LM4860M/NOPB Datasheet HTML 7Page - Texas Instruments LM4860M/NOPB Datasheet HTML 8Page - Texas Instruments LM4860M/NOPB Datasheet HTML 9Page - Texas Instruments LM4860M/NOPB Datasheet HTML 10Page - Texas Instruments LM4860M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM4860
www.ti.com
SNAS096C – AUGUST 1994 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Supply Current
vs
Time
Supply Current vs
in Shutdown Mode
Supply Voltage
Figure 11.
Figure 12.
LM4860 Noise Floor
Power Derating Curve
vs Frequency
Figure 13.
Figure 14.
Supply Current Distribution
Power Dissipation
vs Temperature
vs Output Power
Figure 15.
Figure 16.
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4860



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com