Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341MF/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM7341MF/NOPB
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341MF/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM7341MF/NOPB Datasheet HTML 1Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 2Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 3Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 4Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 5Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 6Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 7Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 8Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM7341
www.ti.com
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
2.7V Electrical Characteristics
Unless otherwise specified, all limits ensured for TA = 25°C, V
+ = 2.7V, V− = 0V, V
CM = 0.5V, VOUT = 1.35V and RL > 1 MΩ to
1.35V. Boldface limits apply at the temperature extremes
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
VCM = 0.5V and VCM = 2.2V
−4
±0.2
+4
mV
−5
+5
TCVOS
Input Offset Voltage Temperature Drift
±2
μV/°C
IB
Input Bias Current
VCM = 0.5V
−180
−90
−200
nA
VCM = 2.2V
30
60
70
IOS
Input Offset Current
VCM = 0.5V and VCM = 2.2V
1
40
nA
50
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 1.0V
82
106
80
dB
0V
≤ VCM ≤ 2.7V
62
80
60
PSRR
Power Supply Rejection Ratio
2.7V
≤ VS ≤ 30V
86
106
dB
VCM = 0.5V
84
CMVR
Common Mode Voltage Range
CMRR > 60 dB
−0.3
0.0
V
2.7
3.0
AVOL
Open Loop Voltage Gain
0.5V
≤ VO ≤ 2.2V
12
65
V/mV
RL = 10 kΩ to 1.35V
8
VOUT
Output Voltage Swing
RL = 10 kΩ to 1.35V
50
120
High
VID = 100 mV
150
RL = 2 kΩ to 1.35V
95
150
VID = 100 mV
200
mV from
either rail
Output Voltage Swing
RL = 10 kΩ to 1.35V
55
120
Low
VID = −100 mV
150
RL = 2 kΩ to 1.35V
100
150
VID = −100 mV
200
IOUT
Output Current
Sourcing, VOUT = 0V
6
12
VID = 200 mV
4
mA
Sinking, VOUT = 0V
5
10
VID = −200 mV
3
IS
Supply Current
VCM = 0.5V and VCM = 2.2V
0.6
0.9
mA
1.0
SR
Slew Rate
±1V Step
1.5
V/
μs
GBW
Gain Bandwidth
f = 100 kHz, RL = 100 kΩ
3.6
MHz
en
Input Referred Voltage Noise Density
f = 1 kHz
35
nV/
√Hz
in
Input Referred Voltage Noise Density
f = 1 kHz
0.28
pA/
√Hz
THD+N
Total Harmonic Distortion + Noise
f = 10 kHz
−66
dB
tPD
Propagation Delay
Overdrive = 50 mV(3)
4
µs
Overdrive = 1V(3)
3
tr
Rise Time
20% to 80%(3)
1
µs
tf
Fall Time
80% to 20%(3)
1
µs
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
The maximum differential voltage between the input pins is VIN Differential = ±15V.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com