Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7341MF/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM7341MF/NOPB
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341MF/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM7341MF/NOPB Datasheet HTML 6Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 7Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 8Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 9Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 10Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 11Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 12Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 13Page - Texas Instruments LM7341MF/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
-5
-4
-3
-2
-1
0
1
2
3
4
5
-120
-100
-80
-60
-40
-20
0
20
40
60
VCM (V)
125°C
85°C
25°C
-40°C
VS = ±5V
0
1
2
3
-100
-80
-60
-40
-20
0
20
40
VCM (V)
-40°C
25°C
85°C
125°C
VS = 2.5V
0
5
10
15
20
25
30
35
40
VS (V)
0.4
0.5
0.6
0.7
0.8
-40°C
25°C
125°C
85°C
VCM = V
+
-0.5V
0
5
10
15
20
25
30
35
40
VS (V)
0.5
0.6
0.7
0.8
0.9
1.0
-40°C
25°C
85°C
125°C
VCM = V
+
-0.5V
0
5
10
15
20
25
30
35
40
VS (V)
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
125°C
85°C
25°C
-40°C
VCM = V
+
-0.5V
0
5
10
15
20
25
30
35
40
VS (V)
0.4
0.5
0.6
0.7
0.8
0.9
-40°C
25°C
85°C
125°C
VCM = V
-
+0.5V
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VOS vs. VS (Unit 3)
VOS vs. VS (Unit 1)
Figure 22.
Figure 23.
VOS vs. VS (Unit 2)
VOS vs. VS (Unit 3)
Figure 24.
Figure 25.
IBIAS vs. VCM
IBIAS vs. VCM
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com