Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9071S/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM9071S/NOPB
Description  LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM9071S/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM9071S/NOPB Datasheet HTML 2Page - Texas Instruments LM9071S/NOPB Datasheet HTML 3Page - Texas Instruments LM9071S/NOPB Datasheet HTML 4Page - Texas Instruments LM9071S/NOPB Datasheet HTML 5Page - Texas Instruments LM9071S/NOPB Datasheet HTML 6Page - Texas Instruments LM9071S/NOPB Datasheet HTML 7Page - Texas Instruments LM9071S/NOPB Datasheet HTML 8Page - Texas Instruments LM9071S/NOPB Datasheet HTML 9Page - Texas Instruments LM9071S/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LM9071
SNVS131D – DECEMBER 1999 – REVISED APRIL 2013
www.ti.com
Reset Operation and Protection Features
Block Diagram
APPLICATION HINTS
The LM9071 voltage regulator has been optimized for use in microprocessor based automotive systems. Several
unique design features have been incorporated to address many FMEA (Failure Mode Effects Analysis) concerns
for fail-safe system performance.
FAULT TOLERANT FEATURES
While not specifically ensured due to production testing limitations, the LM9071 has been tested and shown to
continue to provide a regulated output and, not generate an erroneous system reset signal while subjected to
high levels of RF electric field energy (up to 300 V/m signal strength over a 2 MHz to 400 MHz frequency range).
This is very important in vehicle safety related applications where the system must continue to operate normally.
To maintain this immunity to RFI the output bypass capacitor is important (47
μF is recommended).
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM9071



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com