Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM9071S/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM9071S/NOPB
Description  LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM9071S/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM9071S/NOPB Datasheet HTML 1Page - Texas Instruments LM9071S/NOPB Datasheet HTML 2Page - Texas Instruments LM9071S/NOPB Datasheet HTML 3Page - Texas Instruments LM9071S/NOPB Datasheet HTML 4Page - Texas Instruments LM9071S/NOPB Datasheet HTML 5Page - Texas Instruments LM9071S/NOPB Datasheet HTML 6Page - Texas Instruments LM9071S/NOPB Datasheet HTML 7Page - Texas Instruments LM9071S/NOPB Datasheet HTML 8Page - Texas Instruments LM9071S/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM9071
www.ti.com
SNVS131D – DECEMBER 1999 – REVISED APRIL 2013
LM9071 Low-Dropout System Voltage Regulator with Delayed Reset
Check for Samples: LM9071
1
FEATURES
DESCRIPTION
The LM9071 is a 5V, 250 mA low-dropout voltage
2
•
Automotive Application Reliability
regulator. The regulator features an active low
•
3% Output Voltage Tolerance
delayed reset output flag which can be used to reset
•
Insensitive to Radiated RFI
a microprocessor system on turn-ON and in the event
that the regulator output falls out of regulation for any
•
Dropout Voltage Less than 800 mV with 250
reason. An external capacitor programs a delay time
mA Output Current
interval before the reset output can return high.
•
Externally Programmed Reset Delay Interval
Designed for automotive application the LM9071
•
Thermal Shutdown
contains a variety of protection features such as
•
Short Circuit Protection
reverse
battery,
over-voltage
shutdown,
thermal
•
Reverse Battery Protection
shutdown, input transient protection and a wide
operating temperature range.
•
Wide Operating Temperature Range
−40°C to
+125°C
Design techniques have been employed to allow the
regulator to remain operational and not generate false
•
TO-220 and TO-263 Power Surface Mount
reset signals when subjected to high levels of RF
Power Packages
energy (300V/m from 2 MHz to 400 MHz).
•
Pin for Pin Compatible with the LM2927, L4947
and TLE4260
Typical Application and Connection Diagrams
(Top View)
Figure 1.
Figure 2. 5-Lead TO-220 Package
Package Number KC0005A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM9071S/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM9071S/NOPB TI1-LM9071S/NOPB Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
More results

Similar Description - LM9071S/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
Low Dropout Regulator with Delayed Reset
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
Low Dropout Regulator with Delayed Reset
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
Low-Dropout System Voltage Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI-TPS7301Q Datasheet
638Kb / 43P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
logo
Cherry Semiconductor Co...
CS8122 CHERRY-CS8122 Datasheet
175Kb / 8P
2% 5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 2/5/99
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
5V, 750mA Low Dropout Linear Regulator with Delayed RESET
Rev. 5/4/99
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
Low Dropout Regulator with Delayed Reset
logo
Texas Instruments
TPS7301Q TI1-TPS7301Q_16 Datasheet
1Mb / 45P
LOW-DROPOUT VOLTAGE REGULATORS WITH INTEGRATED DELAYED RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com