Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC257
Description  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC257 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC257 Datasheet HTML 1Page - STMicroelectronics 74AC257 Datasheet HTML 2Page - STMicroelectronics 74AC257 Datasheet HTML 3Page - STMicroelectronics 74AC257 Datasheet HTML 4Page - STMicroelectronics 74AC257 Datasheet HTML 5Page - STMicroelectronics 74AC257 Datasheet HTML 6Page - STMicroelectronics 74AC257 Datasheet HTML 7Page - STMicroelectronics 74AC257 Datasheet HTML 8Page - STMicroelectronics 74AC257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2001
s
HIGH SPEED: tPD = 4.5ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC257 is an advanced high-speed CMOS
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS tecnology.
It is composed of four independent 2-channel
multiplexer with common SELECT and ENABLE
(OE) inputs. It is a non-inverting multiplexer. When
the OE input is held HIGH,all the output become in
high impedance state. If SELECT input is held
LOW, "A" data is selected, when SELECT input is
held HIGH, "B" data is chosen.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC257
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC257B
SOP
74AC257M
74AC257MTR
TSSOP
74AC257TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74AC257 ONSEMI-74AC257 Datasheet
182Kb / 12P
Quad 2?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC257 FAIRCHILD-74AC257 Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
74AC257MTC FAIRCHILD-74AC257MTC Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
74AC257PC FAIRCHILD-74AC257PC Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
74AC257SC FAIRCHILD-74AC257SC Datasheet
97Kb / 9P
Quad 2-Input Multiplexer with 3-STATE Outputs
More results

Similar Description - 74AC257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
12-Nov-2004
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Mar-2000
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
Feb-1993
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Aug-2001
logo
Toshiba Semiconductor
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
Quad 2-Channel Multiplexer (3-state)
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
Quad 2-Channel Multiplexer (3-State)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2001
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com