Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBF 16 Datasheet(PDF) 19 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # MBF 16
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 16 Datasheet(HTML) 19 Page - Phoenix Mecano S.E. Asia Pte Ltd

Back Button MBF 16 Datasheet HTML 14Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 15Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 16Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 17Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 18Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 19Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 20Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 21Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 22Page - Phoenix Mecano S.E. Asia Pte Ltd  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
General Accessories
Universal adapter with self-adhesive foil, black
Model
Order no.
Note
UGA-1
22014710
With self-adhesive foil
Scope Of Delivery: 1 adapter
Notes: Matches universal holder UH-2 up to -4.
Universal adapter with screw holes, black
Model
Order no.
Note
UGA-4
22016350
With screw holes
Scope Of Delivery: 1 adapter
Notes: Matches universal holder UH-2 up to -4.
Tip-up feet, polyamide
Model
Order no.
Note
AB 1230
39603000
Including 4 sheet metal screws
AB 1230-M4
64116000
With 4 metric screws and nuts
Scope Of Delivery: Set-up foot set (2 fixed and 2 hinged feet), fixing material
Notes: With its front collapsible feet, the universal set-up foot set AB 1230 enables you to stand the enclosure
either parallel or at an angle (easier access to the operating front).
Universal rubber feet for stability of the enclosures on all surfaces
Model
Order no.
Colour Note
GF
22009000
Black
Polyurethane, 65-75 Shore
AB - GF
84006700
Black
Polyurethane, 65-75 Shore
E-F
25002200
White
Rubber, 67 Shore, for E 440-E 470, for E 434 S
BA-Füßchen
35002410* Black
Polyurethane, 65-75 Shore
Scope Of Delivery: 4 rubber feet
Battery compartments, black plastic, IP 65 / DIN EN 60529
Model
Order no.
Colour
Note
BE-3MN-IP-7024
58317024
Graphite grey For 3 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-3MN-IP-7035
58317035
Light grey
For 3 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-3MN-IP-7038
58317038
Agate grey
For 3 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-3MN-IP-9005
58319005
Black
For 3 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-4MN-IP-7024
58417024
Graphite grey For 4 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-4MN-IP-7035
58417035
Light grey
For 4 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-4MN-IP-7038
58417038
Agate grey
For 4 mignon batteries (LR6, R06, AM3, E 91, AA)
BE-4MN-IP-9005
58419005
Black
For 4 mignon batteries (LR6, R06, AM3, E 91, AA)
Scope Of Delivery: 1 battery compartment including battery contacts
Notes: Processing of the enclosure and mounting of the battery compartment on request. Use the adhesive film
(included in scope of delivery) to seal the battery compartment IP-tight.
18
* = Available on request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com