Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBF 16 Datasheet(PDF) 5 Page - Phoenix Mecano S.E. Asia Pte Ltd

Part # MBF 16
Description  Cable glands / General Accessories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOPLA [Phoenix Mecano S.E. Asia Pte Ltd]
Direct Link  https://www.bopla.de/en/
Logo BOPLA - Phoenix Mecano S.E. Asia Pte Ltd

MBF 16 Datasheet(HTML) 5 Page - Phoenix Mecano S.E. Asia Pte Ltd

  MBF 16 Datasheet HTML 1Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 2Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 3Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 4Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 5Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 6Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 7Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 8Page - Phoenix Mecano S.E. Asia Pte Ltd MBF 16 Datasheet HTML 9Page - Phoenix Mecano S.E. Asia Pte Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Every hand-held enclosure can be fitted
with a universal holding clip.
The universal clip and tip-up clip can be
retrofitted to all enclosures. It can be used
as a wall hanging unit or belt clip or, if
swivelled by 90°, as a tip-up bow.
By using the universal screw-on lanyard
loop, hand-held enclosures can easily be
carried round the neck.
The swivelling handle allows the flexible-
width handle to be used both as a carrying
handle and a tip-up bow.
The universal DIN rail holders consist of a
base and a bolt which can be snapped into
the base in different positions. Fitting is
approximately in the middle of the
enclosure so that the protruding bolt can
be released by means of a screwdriver.
Because of the various settings (fixed
detent position every 10°), the universal
wall fitting can be used on a wall or as a
foot. The length of the profiles can be
adapted to every enclosure.
Universal accessories suitable for all BOPLA enclosures
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com