Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AB Datasheet(PDF) 31 Page - STMicroelectronics

Part # M29W800AB
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AB Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M29W800AB Datasheet HTML 27Page - STMicroelectronics M29W800AB Datasheet HTML 28Page - STMicroelectronics M29W800AB Datasheet HTML 29Page - STMicroelectronics M29W800AB Datasheet HTML 30Page - STMicroelectronics M29W800AB Datasheet HTML 31Page - STMicroelectronics M29W800AB Datasheet HTML 32Page - STMicroelectronics M29W800AB Datasheet HTML 33Page - STMicroelectronics M29W800AB Datasheet HTML 34Page - STMicroelectronics M29W800AB Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
31/40
M29W800AT, M29W800AB
Figure 15. Data Polling Flowchart
Figure 16. Data Toggle Flowchart
Table 22. Program, Erase Times and Program, Erase Endurance Cycles
(TA = 0 to 70°C; VCC = 2.7V to 3.6V)
Note: 1. Excluded the time required to execute bus cycles sequence for program operation.
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369
DQ7
=
DATA
YES
NO
YES
NO
DQ5
= 1
DQ7
=
DATA
YES
NO
READ
DQ2, DQ5 & DQ6
START
READ DQ2, DQ6
FAIL
PASS
AI01873
DQ2, DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
= 1
NO
YES
DQ2, DQ6
=
TOGGLE
Parameter
M29W800AT / M29W800AB
Unit
Min
Typ
Typical after (1)
100k W/E Cycles
Max
Chip Erase (Preprogrammed, VCC = 2.7V)
10
10
sec
Chip Erase (VCC = 2.7V)
15
15
sec
Main Block Erase (VCC = 2.7V)
1.5
15
sec
Chip Program (Byte) (1)
10
10
sec
Chip Program (Word) (1)
55
sec
Byte/Word Program
10
10
µs
Program/Erase Cycles (per Block)
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com