Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W800AB Datasheet(PDF) 38 Page - STMicroelectronics

Part # M29W800AB
Description  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) Low Voltage Single Supply Flash Memory
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W800AB Datasheet(HTML) 38 Page - STMicroelectronics

Back Button M29W800AB Datasheet HTML 32Page - STMicroelectronics M29W800AB Datasheet HTML 33Page - STMicroelectronics M29W800AB Datasheet HTML 34Page - STMicroelectronics M29W800AB Datasheet HTML 35Page - STMicroelectronics M29W800AB Datasheet HTML 36Page - STMicroelectronics M29W800AB Datasheet HTML 37Page - STMicroelectronics M29W800AB Datasheet HTML 38Page - STMicroelectronics M29W800AB Datasheet HTML 39Page - STMicroelectronics M29W800AB Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
M29W800AT, M29W800AB
38/40
PART NUMBERING
Table 27. Ordering Information Scheme
Table 28. Daisy Chain Ordering Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M29W800AT
80
N
1
T
Device Type
M29
Operating Voltage
W = 2.7 to 3.6V
Device Function
800A = 8 Mbit (1Mb x8 or 512Kb x16), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
80 = 80 ns
90 = 90 ns
100 = 100 ns
120 = 120 ns
Package
N = TSOP48: 12 x 20 mm
M = SO44
ZA = TFBGA48: 0.8 mm pitch
Temperature Range
1 = 0 to 70 °C
5 = –20 to 85°C
6 = –40 to 85 °C
Option
T = Tape & Reel Packing
Example:
M29
DCL1-8
T
Device Type
M29
Daisy Chain
DCL1-8 = Daisy Chain Level 1 for 8 Mbit parts
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com