Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC273 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74AC273
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC273 Datasheet(HTML) 1 Page - STMicroelectronics

  74AC273 Datasheet HTML 1Page - STMicroelectronics 74AC273 Datasheet HTML 2Page - STMicroelectronics 74AC273 Datasheet HTML 3Page - STMicroelectronics 74AC273 Datasheet HTML 4Page - STMicroelectronics 74AC273 Datasheet HTML 5Page - STMicroelectronics 74AC273 Datasheet HTML 6Page - STMicroelectronics 74AC273 Datasheet HTML 7Page - STMicroelectronics 74AC273 Datasheet HTML 8Page - STMicroelectronics 74AC273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
April 2001
s
HIGH SPEED:
s
fMAX = 250MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL =28 % VCC (MIN.)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 273
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74AC273 is an advanced high-speed CMOS
OCTAL D-TYPE FLIP FLOP WITH CLEAR
fabricated with sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
Information signals applied to D inputs are
transfered to the Q output on the positive going
edge of the clock pulse.
When the CLEAR input is held low, the Q outputs
are held low independentely of the other inputs.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74AC273
OCTAL D-TYPE FLIP FLOP WITH CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
74AC273B
SOP
74AC273M
74AC273MTR
TSSOP
74AC273TTR
TSSOP
DIP
SOP


Similar Part No. - 74AC273

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273 Datasheet
122Kb / 10P
Octal D-Type Flip-Flop
logo
ON Semiconductor
74AC273 ONSEMI-74AC273 Datasheet
111Kb / 8P
Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273 Datasheet
383Kb / 12P
Octal D-Type Flip-Flop
74AC273 FAIRCHILD-74AC273 Datasheet
383Kb / 12P
Octal D-Type Flip-Flop
logo
Silicon Supplies
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results

Similar Description - 74AC273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
May-1999
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Jul-2001
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
12-Nov-2004
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
Octal D-Type Flip-Flop with Clear
logo
Diodes Incorporated
74LVC273A DIODES-74LVC273A Datasheet
465Kb / 10P
OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Rev 1
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
Octal D-Type Flip-Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com