Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC273 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74AC273
Description  OCTAL D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC273 Datasheet(HTML) 5 Page - STMicroelectronics

  74AC273 Datasheet HTML 1Page - STMicroelectronics 74AC273 Datasheet HTML 2Page - STMicroelectronics 74AC273 Datasheet HTML 3Page - STMicroelectronics 74AC273 Datasheet HTML 4Page - STMicroelectronics 74AC273 Datasheet HTML 5Page - STMicroelectronics 74AC273 Datasheet HTML 6Page - STMicroelectronics 74AC273 Datasheet HTML 7Page - STMicroelectronics 74AC273 Datasheet HTML 8Page - STMicroelectronics 74AC273 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AC273
5/11
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500 Ω, Input tr =tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/8 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH tPHL Propagation Delay
Time
CLOCK to Q
3.3(*)
4.0
7.5
12.5
3.0
14.0
3.0
16.0
ns
5.0(**)
3.0
5.0
9.0
2.5
10.0
2.5
11.0
tPHL
Propagation Delay
Time
CLEAR to Q
3.3(*)
4.0
8.5
13.0
3.0
14.0
3.0
16.0
ns
5.0(**)
3.0
6.5
10.0
2.5
11.0
2.5
12.0
tW
CLEAR Pulse
Width, LOW
3.3(*)
5.5
6.0
6.0
ns
5.0(**)
4.0
4.5
4.5
tW
CLOCK Pulse
Width
3.3(*)
5.5
6.0
6.0
ns
5.0(**)
4.0
4.5
4.5
ts
Setup Time D to
CLOCK, HIGH or
LOW
3.3(*)
5.5
6.0
6.0
ns
5.0(**)
4.0
4.5
4.5
th
Hold Time D to
CLOCK, HIGH or
LOW
3.3(*)
1.5
1.5
1.5
ns
5.0(**)
1.5
1.5
1.5
tREM
Recovery Time
CLEAR to CLOCK
3.3(*)
4.0
4.5
4.5
ns
5.0(**)
3.0
3.0
3.0
fMAX
Maximum Clock
Frequency
3.3(*)
90
75
75
MHz
5.0(**)
140
250
125
125
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
fIN = 10MHz
32
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com