Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2825F Datasheet(PDF) 4 Page - New Japan Radio

Part # NJM2825F
Description  Precision Micropower Shunt Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2825F Datasheet(HTML) 4 Page - New Japan Radio

  NJM2825F Datasheet HTML 1Page - New Japan Radio NJM2825F Datasheet HTML 2Page - New Japan Radio NJM2825F Datasheet HTML 3Page - New Japan Radio NJM2825F Datasheet HTML 4Page - New Japan Radio NJM2825F Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NJM2825
- 4 -
Ver.2007-09-28
■TYPICAL CHARACTERISTICS
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Frequency f (kHz)
Dynamic Impedance vs. Frequency
(V
FB
=V
A
, Ta=25
oC)
IK=0.8
µA
Cout=0
µF
IK=10
µA
Cout=0
µF
IK=0.8
µA
Cout=0.047
µF
IK=10
µA
Cout=0.1
µF
0
0.5
1
1.5
2
-50
-25
0
25
50
75
100 125
Ambient Temperature Ta (
oC)
Feedback Current vs. Temperature
(R1=Open, R2=120k
Ω, I
K=0.8µA)
0
0.2
0.4
0.6
0.8
1
0.001
0.01
0.1
1
10
Output Capacitance Co (
µF)
Sefty Operating Boundary Condition
(V
FB
=V
A
, Ta=25
oC)
Unstable Operation Region
Stable Operation Region
Ceramic Capacitor
0
50
100
150
200
250
0
255075
100
Ambient Temperature Ta (
oC)
Power Dissipation vs. Temperature
(MTP5=Itself, Tj=
∼125oC)
Note) Oscillation might occur while operating within the range
of safety curve.
So that, it is necessary to make ample margins by
taking considerations of fluctuation of the device.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com