Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2825F Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2825F
Description  Precision Micropower Shunt Voltage Reference
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2825F Datasheet(HTML) 1 Page - New Japan Radio

  NJM2825F Datasheet HTML 1Page - New Japan Radio NJM2825F Datasheet HTML 2Page - New Japan Radio NJM2825F Datasheet HTML 3Page - New Japan Radio NJM2825F Datasheet HTML 4Page - New Japan Radio NJM2825F Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJM2825
- 1 -
Ver.2007-09-28
Precision Micropower Shunt Voltage Reference
■GENERAL DESCRIPTION
■PACKAGE OUTLINE
■FEATURES
■PRODUCT VARIATION
● Precision Reference Voltage
1,200mV
±0.5%
● Low temperature coefficient
10ppm/
°C typ.
● Low Quiescent Current
0.7
µA max.
● No Output Capacitor Required
● Tolerates Capacitive Loads
● Bipolar Technology
● Package Outline
NJM2825F
: SOT-23-5 (MTP5)
■BLOCK DIAGRAM
■PIN CONFIGURATION
NJM2825
is a precision and low quiescent current shunt voltage
reference.
Reference voltage form bandgap circuit has guaranteed the high
accuracy of the ±0.5% with trimming. In addition the temperature drift of
10ppm/
°C typ. was actualized by the temperature compensating circuit.
The reference voltage circuit operates by consumed low quiescent current
of the 0.7
µA for low power technology.
The Output capacitor is unnecessary by the phase compensating circuit
which is built in. Tolerates capacitive loads, it is easy to use for application.
It is suitable for data converters, instrumentation, and other applications
where precision reference is required.
NJM2825F
NJM2825F
CATHODE
ANODE
FB
NC
1
2
3
5
4
NC
ANODE
FB
VREF
CATHODE
NJM2825
NJM2823
±0.4%, IMIN=60µA
±0.5%, IMIN=0.7µA


Similar Part No. - NJM2825F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2825F NJRC-NJM2825F Datasheet
136Kb / 6P
Precision Micropower Shunt Voltage Reference
logo
Nisshinbo Micro Devices...
NJM2825F NISSHINBO-NJM2825F Datasheet
158Kb / 5P
Precision Micropower Shunt Voltage Reference
Ver.2026-03-27
logo
New Japan Radio
NJM2825F-TE1 NJRC-NJM2825F-TE1 Datasheet
136Kb / 6P
Precision Micropower Shunt Voltage Reference
More results

Similar Description - NJM2825F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040 Datasheet
482Kb / 43P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
Precision Micropower Shunt Voltage Reference
logo
Linear Technology
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
Micropower Precision Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com