Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM201 Datasheet(PDF) 2 Page - TT Electronics.

Part # PM201
Description  PM201 Medical & ITE Power Supplies (150-200W)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PM201 Datasheet(HTML) 2 Page - TT Electronics.

  PM201 Datasheet HTML 1Page - TT Electronics. PM201 Datasheet HTML 2Page - TT Electronics. PM201 Datasheet HTML 3Page - TT Electronics. PM201 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without notice.
TT Electronics | Power Partners, Inc
43 Broad Street Suite B206, Hudson, MA 01749, USA. t: +1 (978) 567-9600
ISS.1 22/07/2020 Page: 2
Specifications
Safety Standards & EMC Specifications
Safety Standard
UL ES 60601-1, CSA C22.2 No. 60601-1, File No. E178020, UL 60950-1
File No. E137410
TUV EN60601-1
TUV EN60950-1
EMI Standard
EN55011/EN55022 radiated and conducted
EMC Performance
EN61000-3-2: Harmonic distortion, Class A and D
EN61000-3-3: Line flicker
EN61000-4-2: ESD, ±15 KV air and ± 8KV contact
EN61000-4-3: Radiated immunity, 10V/m
EN61000-4-4: Fast transient/burst, ±2KV
EN61000-4-5: Surge, ±1 KV diff., ±2 KV com.
EN61000-4-6: Conducted immunity, 10Vrms
EN61000-4-8: Magnetic field immunity, 30 A/m
EN61000-4-11: Voltage dip immunity, 30% reduction for 500ms,
and 100% reduction for 10ms
*Consult with TT Electronics for information on additional country safety approvals
Input Specifications
Input Voltage Range
90 to 264VAC
Input Frequency Range
47 to 63Hz
Input Current
3.2A (rms) @100VAC, 60 Hz and 1.6A (rms) @240VAC, 50 Hz
Earth Leakage Current
220μA max. @ 264VAC, 63Hz
Touch Current
100μA max. @ 264 VAC, 63Hz
Output Specifications
Ripple & Noise
2% peak to peak maximum on 3.3 V & 5.1 V and 1% peak to peak maximum on
other voltage outputs
Overvoltage Protection
Provided on output #1 only; set at 112-132% of its nominal output voltage
Overcurrent Protection
All outputs protected to short circuit conditions
Temperature Coefficient
All outputs ±0.04%/°C maximum
Transient Response
Maximum excursion of 4% or better on all models, recovering to 1% of final
value within 500 us after a 25% step load change
Fan Power
12V at 200 mA maximum, except 24V at 200mA maximum for PM201-25B and
PM201-27B, and 5V at 380 mA maximum for PM201-40-3B
Environmental Specifications
Operating Temperature
-0°C to +70°C
Storage Temperature
-40°C to +85°C
Relative Humidity
5% to 95% non-condensing
Temperature Derating
De-rate from 100% at +50°C linearly to 50% at +70°C
Cooling
10.8 CFM forced air provided on “C” version; 25 CFM forced air to be provided
for “B” version by user.
General Specifications
Switching Frequency
88-112 KHz
Efficiency
70% minimum on all models
Hold-up Time
20ms minimum at 110 VAC
Line Regulation
±0.5% maximum at full load
Inrush Current
20A @ 115 Vac or 40A @ 230 Vac at 25°C cold start
Withstand Voltage
5600 VDC from input to output (2 MOPP)
2100 VDC from input to ground (1 MOPP)
700 VDC from output to ground
(To verify AC strength, get correct test method to avoid power supply damage.)
MTBF
350,000 hours at full load at 25°C ambient, calculated per MIL-HDBK-217F
Interface Signals
PFD
TTL logic high for normal operation and TTL logic low upon loss of input power.
This signal appears at least 1ms prior to V1 output dropping 5% below its nomi-
nal value. This signal also provides a minimum delay of 100 ms after V1 is with-
in regulation.
Inhibit
Requires an external TTL high level signal to inhibit outputs for standard mod-
els



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com