Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM201 Datasheet (PDF) - TT Electronics.

PM201 Datasheet PDF - TT Electronics.
Part # PM201
Download  PM201 Download
File Size   742.88 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM201 Medical & ITE Power Supplies (150-200W)

PM201 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM201 Datasheet PDF - TT Electronics.

Part # PM201
Download  PM201 Click to download

File Size   742.88 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM201 Medical & ITE Power Supplies (150-200W)

PM201 Datasheet (HTML) - TT Electronics.


PM201 Product details

Features:
• Low safety ground leakage current
• Meet EN55011, EN55022 and FCC Class B
• Power Factor 0.98 typical
• Short-circuit protection
• Power Fail Detect (PFD) signal
• 100% burn– in at full rated load
• Optional cover and fan assembly
• Remote inhibit– TTL high to disable output
• Compliant with RoHS requirements
Description:
The PM201 series comprising single and multiple output models for 150 to 200 watts of continuous output power is specially designed for
medical and ITE applications. They operate at 90 to 264 VAC input voltage without the need of a selector strap. All auxiliary outputs are
with magnetic amplifier linear regulator to keep regulation. The units are constructed on a printed circuit board with a U– bracket for
mechanical support and heat sinking. A cover and fan assembly can be added during manufacturing.




Similar Part No. - PM201

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
PM2011 SHUNYE-PM2011 Datasheet
1Mb / 9P
LED SINGLE STAGE LINEAR CHIP
2019-4-26 V1.3
PM2011B SHUNYE-PM2011B Datasheet
1Mb / 9P
LED SINGLE STAGE LINEAR CHIP
2019-4-26 V1.3
PM2011C SHUNYE-PM2011C Datasheet
1Mb / 9P
LED SINGLE STAGE LINEAR CHIP
2019-4-26 V1.3
PM2011D SHUNYE-PM2011D Datasheet
1Mb / 9P
LED SINGLE STAGE LINEAR CHIP
2019-4-26 V1.3
PM2011E SHUNYE-PM2011E Datasheet
1Mb / 9P
LED SINGLE STAGE LINEAR CHIP
2019-4-26 V1.3
More results


Similar Description - PM201

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TWM200 TRUMPOWER-TWM200 Datasheet
85Kb / 1P
200W Medical Grade AC/DC Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
logo
FSP TECHNOLOGY INC.
FSP200-P35 FSP-FSP200-P35 Datasheet
396Kb / 3P
200W ITE POWER SUPPLIES
2022.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com