Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS321
Description  Low Power Single Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS321 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS321 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS321
Low Power Single Operational Amplifier
2/6
Version: A07
Electrical Characteristics Unless otherwise specified, all limits guarantee for at TA=25ºC, V+=5V, V-=5V,
Vo=1.4V. Boldface limits apply at temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOS
Input Offset Voltage
(Note 1)
--
--
2
--
7
9
mV
IOS
Input Offset Current
--
--
5
--
50
150
nA
IB
Input Bias Current (Note 8)
--
--
45
--
250
500
nA
VCM
Input Common-Mode Voltage Range
V+ = 30V (Note 9)
For CMRR > = 50dB
0
--
--
--
V+ -1.5
V+ -2
V
AV
Large Signal Voltage Gain
(V+ = 15V, RL =2kΩ
Vo = 1.4V to 11.4V)
25
15
100
--
--
--
V/mV
PSRR
Power Supply Rejection Ratio
RS ≤ 10kΩ, V+ ≤ 5V to 30V
65
100
--
dB
CMRR
Common Mode Rejection Ratio
RS ≤ 10kΩ
65
85
--
dB
V+ = 30V, RL =2kΩ
26
--
--
VOH
V+ = 30V, RL = 10kΩ
27
28
--
V
VO
Output Swing
VOL
V+ = 5V, RL = 10kΩ
--
5
20
mV
V+ = 5V
--
--
0.43
0.7
1.15
1.2
IS
Supply Current, No Load
V+ = 30V
--
--
0.66
1.5
2.85
3
mA
ISOURCE
Output Current Sourcing
VID = +1V, V+ = 15V,
VO =2V
20
10
40
20
--
--
mA
VID = −1V
V+ = 15V, VO =2V
10
5
20
8
--
--
mA
ISINK
Output Current Sinking
VID = −1V
V+ = 15V, VO = 0.2V
--
12
--
100
--
--
µA
IO
Output Short Circuit to Ground
V+ = 15V
--
40
85
mA
SR
Slew Rate
V+ = 15V, RL =2kΩ,
VIN = 0.5 to 3V
CL = 100pF, Unity Gain
--
0.4
--
V/µs
GBW
Gain Bandwidth Product
V+ = 30V, f = 100kHz,
VIN = 10mV, RL =2kΩ,
CL = 100pF
--
1
--
MHz
THD
Total Harmonic Distortion
f = 1kHz, AV = 20dB
RL =2kΩ, VO = 2VPP
CL = 100pF, V+ = 30V
--
0.015
--
%
en
Equivalent Input Noise Voltage
f = 1kHz, RS = 100Ω
V+ = 30V
--
40
--
nV
Note:
1. Vo≒1.4V, Rs=0Ω with V+ from 5V to 30V; and over the full input common-mode range(0V~V+ -1.5V)at 25
oC
2. short circuits from the output V
+ can cause excessive heating and eventual destruction. When considering short
circuits to ground the maximum output current is approximately 40mA independent of the magnitude of V
+ values of
supply voltage in excess of +15v,continuous short circuit can exceed the power dissipation ratings and cause
eventual destruction.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com