Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS321 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS321
Description  Low Power Single Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS321 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS321 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS321 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS321
Low Power Single Operational Amplifier
1/6
Version: A07
SOT-25
General Description
The TS321 brings performance and economy to low power systems. With high unity gain frequency and a guaranteed
0.4V/uS slew rate, the quiescent current is only 430uA/amplifier (5V). The input common mode range includes ground
and therefore the device is able to operate in single supply applications as well as in dual supply applications. It is also
capable of comfortably driving large capacitive loads.
The TS321 is available in the SOT-25 package. Overall the TS321 is a low power, wide supply range performance OP
Amp that can be designed into a wide range of applications at an economical price without sacrificing valuable board
space.
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Supply Voltage
Vcc
+32
V
Input Voltage
VIN
-0.3 to +32
V
Input Current (VIN < -0.3V)
VI
50
mA
Output Short Circuit Duration
tsc
Continuous
Operating Temperature Range
TOPR
-40 ~ +85
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Mounting Temperature (Soldering @ 260
oC)
10
S
Thermal Resistance Junction to Ambient
RӨJA
265
oC/W
Features
●
Short circuit protected outputs
●
True differential input stage
●
Wide supply voltage range +3V to 32V
●
Low input bias currents
●
Internally compensated
●
Common mode range extends to negative supply
●
Single Version of TS324
Block Diagram
Applications
●
Chargers
●
Power Supplies
●
Industrial: Controls, Instruments
●
Desktops
●
Communications Infrastructure
Ordering Information
Part No.
Package
Packing
TS321CX5 RF
SOT-25
3Kpcs / 7” Reel
Pin Definition:
1. Input +
2. Ground
3. Input -
4. Output
5. Vcc


Similar Part No. - TS321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321 Datasheet
59Kb / 8P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
1998-Dec
TS321 STMICROELECTRONICS-TS321 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321 Datasheet
186Kb / 12P
Low power single operational amplifier
08-Nov-2007
TS321 STMICROELECTRONICS-TS321 Datasheet
181Kb / 13P
Low power single operational amplifier
08-Jul-2008
More results

Similar Description - TS321

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2130 NJRC-NJM2130 Datasheet
143Kb / 3P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343 Datasheet
114Kb / 7P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS321 STMICROELECTRONICS-TS321_05 Datasheet
184Kb / 12P
Low Power Single Operational Amplifier
Dec-2005
logo
Texas Instruments
TS321 TI-TS321 Datasheet
259Kb / 8P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
logo
BCD Semiconductor Manuf...
AS321 BCDSEMI-AS321 Datasheet
218Kb / 11P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL343 TI-TL343_06 Datasheet
124Kb / 8P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI-TS321_10 Datasheet
368Kb / 11P
LOW-POWER SINGLE OPERATIONAL AMPLIFIER
TL343IDBVRG4 TI1-TL343IDBVRG4 Datasheet
663Kb / 11P
SINGLE LOW-POWER OPERATIONAL AMPLIFIER
TS321 TI1-TS321 Datasheet
1Mb / 21P
Low-Power Single Operational Amplifier
logo
TECH PUBLIC Electronics...
LM321SN3T1G TECHPUBLIC-LM321SN3T1G Datasheet
1Mb / 6P
LOW POWER SINGLE OPERATIONAL AMPLIFIER
2021.6.15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com